Electronic Components Datasheet Search
  English  ▼

X  

LM211QDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # LM211QDREP
Description  DIFFERENTIAL COMPARATOR WITH STROBES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM211QDREP Datasheet(HTML) 1 Page - Texas Instruments

  LM211QDREP Datasheet HTML 1Page - Texas Instruments LM211QDREP Datasheet HTML 2Page - Texas Instruments LM211QDREP Datasheet HTML 3Page - Texas Instruments LM211QDREP Datasheet HTML 4Page - Texas Instruments LM211QDREP Datasheet HTML 5Page - Texas Instruments LM211QDREP Datasheet HTML 6Page - Texas Instruments LM211QDREP Datasheet HTML 7Page - Texas Instruments LM211QDREP Datasheet HTML 8Page - Texas Instruments LM211QDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
EMIT OUT
IN+
IN−
VCC−
VCC+
COL OUT
BAL/STRB
BALANCE
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
LM211-EP
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS140A – DECEMBER 2002 – REVISED MAY 2006
•
Controlled Baseline
•
Maximum Input Bias Current . . . 300 nA
– One Assembly/Test Site, One Fabrication
•
Maximum Input Offset Current . . . 70 nA
Site
•
Can Operate From Single 5-V Supply
•
Extended Temperature Performance of
–55
°C to 125°C
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product Change Notification
•
Qualification Pedigree (1)
•
Fast Response Times
•
Strobe Capability
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold-compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The LM211-EP is a single high-speed voltage comparator. This device is designed to operate from a wide range
of power-supply voltages, including
±15-V supplies for operational amplifiers and 5-V supplies for logic systems.
The output levels are compatible with most TTL and MOS circuits. This comparator is capable of driving lamps
or relays and switching voltages up to 50 V at 50 mA. All inputs and outputs can be isolated from system
ground. The outputs can drive loads referenced to ground, VCC+ or VCC–. Offset balancing and strobe capabilities
are available, and the outputs can be wired-OR connected. If the strobe is low, the output is in the off state,
regardless of the differential input.
ORDERING INFORMATION
VIO max
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
AT 25
°C
–40
°C to 125°C
3 mV
SOIC – D
Tape and reel
LM211QDREP
LM211E
–55
°C to 125°C
3 mV
SOIC – D
Tape and reel
LM211MDREP
LM211M
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM211QDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211QDREP TI1-LM211QDREP Datasheet
597Kb / 22P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211QDREP TI1-LM211QDREP Datasheet
820Kb / 24P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211QDREP TI1-LM211QDREP Datasheet
820Kb / 23P
DIFFERENTIAL COMPARATOR WITH STROBES
More results

Similar Description - LM211QDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
DIFFERENTIAL COMPARATOR WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com