Electronic Components Datasheet Search
  English  ▼

X  

LM211QDREP Datasheet(PDF) 12 Page - Texas Instruments

Part # LM211QDREP
Description  DIFFERENTIAL COMPARATOR WITH STROBES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM211QDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM211QDREP Datasheet HTML 8Page - Texas Instruments LM211QDREP Datasheet HTML 9Page - Texas Instruments LM211QDREP Datasheet HTML 10Page - Texas Instruments LM211QDREP Datasheet HTML 11Page - Texas Instruments LM211QDREP Datasheet HTML 12Page - Texas Instruments LM211QDREP Datasheet HTML 13Page - Texas Instruments LM211QDREP Datasheet HTML 14Page - Texas Instruments LM211QDREP Datasheet HTML 15Page - Texas Instruments LM211QDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
0.1
µF
50 k
Ω
VCC+
2 k
Ω
100 k
Ω
100 k
Ω
100 kHz
Output
10 pF
Input
22 k
Ω
Output
VCC+
VCC+
1 k
Ω
From D/A Network
0.1
µF
Sample
Analog Input
(see Note A)
2N2222
TTL
Strobe
BAL/STRB
BALANCE
LM211-EP
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS140A – DECEMBER 2002 – REVISED MAY 2006
APPLICATION INFORMATION (continued)
Figure 17. 100-kHz Crystal Oscillator
Figure 18. Comparator and Solenoid Driver
A.
Typical input current is 50 pA with inputs strobed off.
Figure 19. Strobing Both Input and Output Stages Simultaneously
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com