Electronic Components Datasheet Search
  English  ▼

X  

LM83 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM83
Description  LM83 Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM83 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM83 Datasheet HTML 12Page - Texas Instruments LM83 Datasheet HTML 13Page - Texas Instruments LM83 Datasheet HTML 14Page - Texas Instruments LM83 Datasheet HTML 15Page - Texas Instruments LM83 Datasheet HTML 16Page - Texas Instruments LM83 Datasheet HTML 17Page - Texas Instruments LM83 Datasheet HTML 18Page - Texas Instruments LM83 Datasheet HTML 19Page - Texas Instruments LM83 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
1.0 Functional Description (Continued)
D5: T_CRIT mask for Diode 1, when set to 1 a Diode 1 temperature reading that exceeds T_CRIT setpoint will not activate the
T_CRIT_A pin.
D4: T_CRIT mask for Diode 2, when set to 1 a Diode 2 temperature reading that exceeds T_CRIT setpoint will not activate the
T_CRIT_A pin.
D3: T_CRIT mask for Diode 3, when set to 1 a Diode 3 temperature reading that exceeds T_CRIT setpoint will not activate the
T_CRIT_A pin.
D2: T_CRIT mask for Local reading, when set to 1 a Local temperature reading that exceeds T_CRIT setpoint will not activate
the T_CRIT_A pin.
D1: INT active state inversion. When INT Inversion is set to a 1 the active state of the INT output will be a logical high. A low would
then select an active state of a logical low.
D6 and D0: These bits are always set to 0 and reserved for future use. A write of 1 will return a 0 when read.
2.6 LOCAL, DIODE 1, DIODE 2 and DIODE 3 HIGH SETPOINT REGISTERS (LHS, D1RHS, D2RHS and D3RHS)
(Read Address 05h, 07h, 38h, 3Ah /Write Address 0Bh, 0Dh,
50h, 52h):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: HIGH setpoint temperature data. Power up default is LHIGH = RD1HIGH=RD2HIGH=RD3HIGH = 127˚C.
2.7 T_CRIT REGISTER (TCS)
(Read Address 42h/Write Address 5Ah):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: T_CRIT setpoint temperature data. Power up default is T_CRIT = 127˚C.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com