Electronic Components Datasheet Search
  English  ▼

X  

LM83 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM83
Description  LM83 Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM83 Datasheet(HTML) 4 Page - Texas Instruments

  LM83 Datasheet HTML 1Page - Texas Instruments LM83 Datasheet HTML 2Page - Texas Instruments LM83 Datasheet HTML 3Page - Texas Instruments LM83 Datasheet HTML 4Page - Texas Instruments LM83 Datasheet HTML 5Page - Texas Instruments LM83 Datasheet HTML 6Page - Texas Instruments LM83 Datasheet HTML 7Page - Texas Instruments LM83 Datasheet HTML 8Page - Texas Instruments LM83 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin Description (Continued)
Label
Pin #
Function
Typical Connection
D−
4
Diode Return Current
Sink
To all Diode Junction Cathodes using a star
connection to pin. Must float when not used.
ADD0–ADD1
10, 6
User-Set SMBus (I
2C)
Address Inputs
Ground (Low, “0”), V
CC (High, “1”) or open
(“TRI-LEVEL”)
GND
7, 8
Power Supply Ground
Ground
NC
9, 13, 15
Manufacturing test pins.
Left floating. PC board traces may be routed
through the pads for these pins, although the
components that drive these traces should share
the same supply as the LM83 so that the Absolute
Maximum Rating, Voltage at Any Pin, is not
violated.
INT
11
Interrupt Output,
open-drain
Pull Up Resistor, Controller Interrupt or Alert Line
SMBData
12
SMBus (I
2C) Serial
Bi-Directional Data Line,
open-drain output
From and to Controller, Pull-Up Resistor
SMBCLK
14
SMBus (I
2C) Clock Input
From Controller, Pull-Up Resistor
T_CRIT_A
16
Critical Temperature
Alarm, open-drain output
Pull Up Resistor, Controller Interrupt Line or
System Shutdown
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com