Electronic Components Datasheet Search
  English  ▼

X  

LM83 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM83
Description  LM83 Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM83 Datasheet(HTML) 2 Page - Texas Instruments

  LM83 Datasheet HTML 1Page - Texas Instruments LM83 Datasheet HTML 2Page - Texas Instruments LM83 Datasheet HTML 3Page - Texas Instruments LM83 Datasheet HTML 4Page - Texas Instruments LM83 Datasheet HTML 5Page - Texas Instruments LM83 Datasheet HTML 6Page - Texas Instruments LM83 Datasheet HTML 7Page - Texas Instruments LM83 Datasheet HTML 8Page - Texas Instruments LM83 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM83
Triple-Diode Input and Local Digital Temperature Sensor
with Two-Wire Interface
General Description
The LM83 is a digital temperature sensor with a 2 wire serial
interface that senses the voltage and thus the temperature of
three remote diodes using a Delta-Sigma analog-to-digital
converter with a digital over-temperature detector. The LM83
accurately senses its own temperature as well as the tem-
perature of three external devices, such as Pentium II® Pro-
cessors or diode connected 2N3904s. The temperature of
any ASIC can be detected using the LM83 as long as a dedi-
cated diode (semiconductor junction) is available on the die.
Using the SMBus interface a host can access the LM83’s
registers at any time. Activation of a T_CRIT_A output oc-
curs when any temperature is greater than a programmable
comparator limit, T_CRIT. Activation of an INT output occurs
when any temperature is greater than its corresponding pro-
grammable comparator HIGH limit.
The host can program as well as read back the state of the
T_CRIT register and the four T_HIGH registers. Three state
logic inputs allow two pins (ADD0, ADD1) to select up to 9
SMBus address locations for the LM83. The sensor powers
up with default thresholds of 127˚C for T_CRIT and all
T_HIGHs. The LM83 is pin for pin and register compatible
with the LM84 as well as the Maxim MAX1617 and the Ana-
log Devices ADM1021.
Features
n
Accurately senses die temperature of 3 remote ICs, or
diode junctions
n
On-board local temperature sensing
n
SMBus and I
2C compatible interface, supports
SMBus 1.1 TIMEOUT
n
Two interrupt outputs: INT and T_CRIT_A
n
Register readback capability
n
7 bit plus sign temperature data format, 1 ˚C resolution
n
2 address select pins allow connection of 9 LM83s on a
single bus
Key Specifications
j Supply Voltage
3.0V to 3.6V
j Supply Current
0.8mA (max)
j Local Temp Accuracy (includes quantization error)
0˚C to +85˚C
±3.0˚C (max)
j Remote Diode Temp Accuracy (includes quantization
error)
+25˚C to +100˚C
±3˚C (max)
0˚C to +125˚C
±4˚C (max)
Applications
n
System Thermal Management
n
Computers
n
Electronic Test Equipment
n
Office Electronics
n
HVAC
Simplified Block Diagram
SMBus™ is a trademark of the Intel Corporation.
Pentium II® is a registered trademark of the Intel Corporation.
I2C® is a registered trademark of the Philips Corporation.
DS101058-1
November 1999
© 2000 National Semiconductor Corporation
DS101058
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com