Electronic Components Datasheet Search
  English  ▼

X  

LM48560 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM48560
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560 Datasheet(HTML) 2 Page - Texas Instruments

  LM48560 Datasheet HTML 1Page - Texas Instruments LM48560 Datasheet HTML 2Page - Texas Instruments LM48560 Datasheet HTML 3Page - Texas Instruments LM48560 Datasheet HTML 4Page - Texas Instruments LM48560 Datasheet HTML 5Page - Texas Instruments LM48560 Datasheet HTML 6Page - Texas Instruments LM48560 Datasheet HTML 7Page - Texas Instruments LM48560 Datasheet HTML 8Page - Texas Instruments LM48560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
8.5
Programming .......................................................... 14
2
Applications ........................................................... 1
8.6
Register Maps ......................................................... 15
3
Description ............................................................. 1
9
Application and Implementation ........................ 17
4
Revision History..................................................... 2
9.1
Application Information............................................ 17
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 17
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 20
6.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 20
6.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 20
6.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 20
6.4
Electrical Characteristics VDD = 3.6 V ....................... 5
12
Device and Documentation Support ................. 21
6.5
I2C Interface Characteristics ..................................... 6
12.1
Community Resources.......................................... 21
6.6
Typical Characteristics .............................................. 7
12.2
Trademarks ........................................................... 21
7
Parameter Measurement Information ................ 10
12.3
Electrostatic Discharge Caution ............................ 21
8
Detailed Description ............................................ 11
12.4
Glossary ................................................................ 21
8.1
Overview ................................................................. 11
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 11
Information ........................................................... 21
8.3
Feature Description................................................. 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Rev
Date
Description
1.0
08/16/11
Initial WEB released.
1.01
09/21/11
Input edits under CLASS H OPERATION.
1.02
11/01/11
Edited curves 30150753, 54, 55, 56, and Figure 26 (I2C Read Cycle).
1.03
11/10/11
Edited Figure 26.
1.04
07/25/12
Input texts/limits edits in the EC table.
1.05
08/22/12
Edited Table 1 and Table 2.
E
05/02/2013
Changed layout of National Data Sheet to TI format.
F
10/21/2015
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application
and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section.
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM48560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com