Electronic Components Datasheet Search
  English  ▼

X  

LM48560 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM48560
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48560 Datasheet HTML 8Page - Texas Instruments LM48560 Datasheet HTML 9Page - Texas Instruments LM48560 Datasheet HTML 10Page - Texas Instruments LM48560 Datasheet HTML 11Page - Texas Instruments LM48560 Datasheet HTML 12Page - Texas Instruments LM48560 Datasheet HTML 13Page - Texas Instruments LM48560 Datasheet HTML 14Page - Texas Instruments LM48560 Datasheet HTML 15Page - Texas Instruments LM48560 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
VBOOST
(2V/DIV)
VOUT
(2V/DIV)
2 ms/DIV
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
Figure 24. Class H Operation
8.3.3 Differential Amplifier Explanation
The LM48560 device features a fully differential amplifier. A differential amplifier amplifies the difference between
the two input signals. A major benefit of the fully differential amplifier is the improved common mode rejection
ratio (CMRR) over single ended input amplifiers. The increased CMRR of the differential amplifier reduces
sensitivity to ground offset related noise injection, especially important in noisy systems.
8.3.4 Automatic Level Control (ALC)
The ALC is available in software mode only, and only in boosted mode. In hardware mode ALC is always
disabled. The ALC limits the peak output voltage to the programmed value. Consequently, it limits the peak boost
voltage, as this is derived from the output voltage. The ALC is continuous, in that it provides a continuous
adjustment of the voltage gain to limit the output voltage to the programmed value. The available gain adjustment
range is typically 8 dB. When the input amplitude is further increased beyond the ALC attenuation range, the
output will again increase. This is illustrated in the Typical Performance Graphs, as seen on the 14 VPP plot in the
Input voltage vs Output Voltage curve. The attack and decay of the ALC is programmed by software and works
in conjunction with the external capacitor CSET. Typically CSET is 0.1 μF, although it can be changed from 0.1 μF
to 4.7
μF to select other ranges of attack and decay time.
8.3.5 Attack Time
Attack time (tATK) is the time it takes for the gain to be reduced by 6 dB once the audio signal exceeds the ALC
threshold. Fast attack times allow the ALC to react quickly and prevent transients such as symbol crashes from
being distorted. However, fast attack times can lead to volume pumping, where the gain reduction and release
becomes noticeable, as the ALC cycles quickly. Slower attack times cause the ALC to ignore the fast transients,
and instead act upon longer, louder passages. Selecting an attack time that is too slow can lead to increased
distortion in the case of the No Clip function, and possible output overload conditions in the case of the Voltage
limiter. The attack time is set by a combination of the value of CSET and the attack time coefficient as given by
Equation 1:
tATK = 20 kΩCSET / αATK
(1)
Where
αATK is the attack time coefficient (Table 1) set by bits B4:B3 in the Voltage Limit Control Register. The
attack time coefficient allows the user to set a nominal attack time. The internal 20 k
Ω resistor is subject to
temperature change, and it has tolerance between –11% to +20%.
Table 1. Attack Time Coefficient
B4
B3
αATK
0
0
2.4
0
1
1.7
1
0
1.3
1
1
0.9
12
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM48560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com