Electronic Components Datasheet Search
  English  ▼

X  

LM48560 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM48560
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM48560 Datasheet HTML 2Page - Texas Instruments LM48560 Datasheet HTML 3Page - Texas Instruments LM48560 Datasheet HTML 4Page - Texas Instruments LM48560 Datasheet HTML 5Page - Texas Instruments LM48560 Datasheet HTML 6Page - Texas Instruments LM48560 Datasheet HTML 7Page - Texas Instruments LM48560 Datasheet HTML 8Page - Texas Instruments LM48560 Datasheet HTML 9Page - Texas Instruments LM48560 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SDA
SCL
S
P
START condition
STO
P condition
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics VDD = 3.6 V (continued)
The following specifications apply for RL = 1.5 μF + 10 Ω, CBST = 1 μF, CIN = 0.47 μF, CSET = 100 nF, AV = 24 dB unless
otherwise specified. Limits apply for TA = 25 °C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN (3)
TYP (4)
MAX (3)
UNIT
TA
Attack time
ATK1:ATK0 = 00, CSET = 100 nF
0.83
ms
TR
Release time
RLT1:RLT0 = 00, CSET = 100 nF
0.5
s
Boost converter switching
fSW
2
MHz
frequency
ILIMIT
Boost converter current limit
1.5
A
VIH
Logic high input threshold
SHDN
1.4
V
VIL
Logic low input threshold
SHDN
0.5
V
IIN
Input leakage current
SHDN
0.1
0.2
μA
6.5 I
2C Interface Characteristics
The following specifications apply for RPU = 1 kΩ to VDD, SW/HW = 1 (Software Mode) unless otherwise specified. Limits
apply for TA = 25 °C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN (3)
TYP (4)
MAX (3)
UNIT
VIH
Logic Input High Threshold
SDA, SCL
1.1
V
VIL
Logic Input Low Threshold
SDA, SCL
0.5
V
SCL Frequency
400
kHz
t1
SCL Period
2.5
μs
t2
SDA Setup Time
250
ns
t3
SDA Stable Time
250
ns
t4
Start Condition Time
250
ns
t5
Stop Condition Time
250
ns
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = 25 ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Charge device model, applicable std. JESD22-C101-C.
Figure 1. I2C Timing Diagram
Figure 2. Start and Stop Diagram
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM48560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com