Electronic Components Datasheet Search
  English  ▼

X  

LM48560 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48560
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560 Datasheet(HTML) 5 Page - Texas Instruments

  LM48560 Datasheet HTML 1Page - Texas Instruments LM48560 Datasheet HTML 2Page - Texas Instruments LM48560 Datasheet HTML 3Page - Texas Instruments LM48560 Datasheet HTML 4Page - Texas Instruments LM48560 Datasheet HTML 5Page - Texas Instruments LM48560 Datasheet HTML 6Page - Texas Instruments LM48560 Datasheet HTML 7Page - Texas Instruments LM48560 Datasheet HTML 8Page - Texas Instruments LM48560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM48560
www.ti.com
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
6.4 Electrical Characteristics VDD = 3.6 V
The following specifications apply for RL = 1.5 μF + 10 Ω, CBST = 1 μF, CIN = 0.47 μF, CSET = 100 nF, AV = 24 dB unless
otherwise specified. Limits apply for TA = 25 °C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN (3)
TYP (4)
MAX (3)
UNIT
VDD
Supply voltage
2.7
5.5
V
VIN = 0 V, RL = ∞
IDD
Quiescent power supply current
ALC Enabled
4
6
mA
ALC Disabled
3.6
mA
PD
Power consumption
VOUT = 25 VP-P, f = 1 kHz
1
W
Software Mode
2.5
4.4
µA
ISD
Shutdown current
Hardware Mode
0.1
2
µA
TWU
Wake-up time
From Shutdown
15
ms
AV = 24 V
10
90
mV
VOS
Differential output offset voltage
AV = 0 dB (Boost Disabled)
5
20
mV
GAIN = 0
0.5
0
0.5
IN1
GAIN = 1
5.5
6
6.5
Gain (Hardware Mode)
dB
GAIN = 0
23.5
24
24.5
IN2
GAIN = 1
29.5
30
30.5
GAIN1 = 0, GAIN0 = 0
–0.5
0
0.5
GAIN1 = 0, GAIN0 = 1
5.5
6
6.5
AV
Boost Disabled
dB
GAIN1 = 1, GAIN0 = 0
11.5
12
12.5
GAIN1 = 1, GAIN0 = 1
17.5
18
18.5
Gain (software mode)
GAIN1 = 0, GAIN0 = 0
20.5
21
21.5
GAIN1 = 0, GAIN0 = 1
23.5
24
24.5
Boost Enabled
dB
GAIN1 = 1, GAIN0 = 0
26.5
27
27.5
GAIN1 = 1, GAIN0 = 1
29.5
30
30.5
Gain step size (software mode)
3
dB
RIN
0 dB
46
50
58
Input resistance
AV
k
Ω
30 dB
46
50
58
THD+N = 1%
VOUT
Output voltage
200 Hz
25
30
VP-P
f
1 kHz
25
30
THD+N
Total harmonic distortion + noise VOUT = 18 VP-P, f = 1 kHz
0.08%
VDD = 3.6 V + 200 mVP-P sine, Inputs = AC GND
Power supply rejection ratio
PSRR
fRIPPLE = 217 Hz
55
78
dB
(Figure 22)
fRIPPLE = 1 kHz
76
VCM = 200 mVP-P sine
Common mode rejection ratio
CMRR
fRIPPLE = 217 Hz
68
dB
(Figure 23)
fRIPPLE = 1k Hz
78
dB
Boost Disabled, A-weighted
107
dB
SNR
Signal-to-noise-ratio
Boost Enabled A-weighted
98
dB
A-weighted
εOS
Output noise
24 dB
134
AV
μVRMS
0 dB (Boost Disabled)
16
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(4)
Typical values represent most likely parametric norms at TA = 25 ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com