Electronic Components Datasheet Search
  English  ▼

X  

SLG47003 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SLG47003
Description  GreenPAK Programmable Mixed-Signal Matrix with Analog Features
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47003 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SLG47003 Datasheet HTML 35Page - Renesas Technology Corp SLG47003 Datasheet HTML 36Page - Renesas Technology Corp SLG47003 Datasheet HTML 37Page - Renesas Technology Corp SLG47003 Datasheet HTML 38Page - Renesas Technology Corp SLG47003 Datasheet HTML 39Page - Renesas Technology Corp SLG47003 Datasheet HTML 40Page - Renesas Technology Corp SLG47003 Datasheet HTML 41Page - Renesas Technology Corp SLG47003 Datasheet HTML 42Page - Renesas Technology Corp SLG47003 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
SLG47001/03 Datasheet
R19DS0122EU0103, Rev. 1.03
Nov. 28, 2024
Page 39
4.2.3
GPIO with Register OE IO Structure (GPIO6
– GPIO9)
LV_EN
Digital IN
Low-voltage
Input
IN_MODE[1:0]
00b: Digital Input w/o Schmitt Trigger (WOSMT_EN = 1)
01b: Digital Input with Schmitt Trigger (SMT_EN = 1)
10b: Low-voltage Digital Input (LV_EN = 1)
11b: Analog IO Mode
OUT_MODE[1:0]
00b: Push-pull 1x Mode (PP_1x_EN = 1)
01b: Push-pull 2x Mode (PP_1x_EN = PP_2x_EN = 1)
10b: Open-drain 1x NMOS Mode (OD_1x_EN = 1)
11b: Open-drain 2x NMOS Mode (OD_1x_EN = OD_2x_EN = 1)
Note1:
- Digital OUT is a Matrix Output.
- Digital IN is a Matrix Input.
- OE is a Register Bit.
Note2:
172 Ω can vary over PVT (for reference only).
GPIO
SMT_EN
Schmitt
Trigger Input
Analog IO
172 Ω
(Note2)
OD_2x_EN
Digital OUT
OE
WOSMT_EN
Non-Schmitt
Trigger Input
VDD
VDD
PP_2x_EN
Digital OUT
OE
OD_1x_EN
Digital OUT
OE
VDD
PP_1x_EN
Digital OUT
OE
900 kΩ
90 kΩ
10 kΩ
Floating
PUPD_SEL
PUPD_RES[1:0]
00b: Floating
01b: 10 kΩ
10b: 100 kΩ
11b: 1 MΩ
VDD
0
1
0
3
2
1
Figure 8. GPIO with Register OE IO Structure Diagram
Note that GPIO6 to GPIO9 are available in 24-pin STQFN package option (SLG47003) only.
4.3
Pull-Up/Pull-Down Resistors
All IO pins have the option for user-selectable resistors connected to the input structure. The selectable values
on these resistors are 10
kΩ, 100 kΩ, and 1 MΩ. The internal resistors can be configured as either pull-up or
pull-down connections.
4.4
Fast Pull-Up/Pull-Down during Power-Up
During power-up, the pull-up/pull-down resistance of IOs is set to 2.6
kΩ initially and then it will switch to the
normal setting values. This function is enabled by the IO_FAST_PUPD_EN bit (Reg[730]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com