Electronic Components Datasheet Search
  English  ▼

X  

SLG47003 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG47003
Description  GreenPAK Programmable Mixed-Signal Matrix with Analog Features
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47003 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG47003 Datasheet HTML 9Page - Renesas Technology Corp SLG47003 Datasheet HTML 10Page - Renesas Technology Corp SLG47003 Datasheet HTML 11Page - Renesas Technology Corp SLG47003 Datasheet HTML 12Page - Renesas Technology Corp SLG47003 Datasheet HTML 13Page - Renesas Technology Corp SLG47003 Datasheet HTML 14Page - Renesas Technology Corp SLG47003 Datasheet HTML 15Page - Renesas Technology Corp SLG47003 Datasheet HTML 16Page - Renesas Technology Corp SLG47003 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 154 page
background image
SLG47001/03 Datasheet
R19DS0122EU0103, Rev. 1.03
Nov. 28, 2024
Page 13
Pin Number
Pin Name
Pin Function
STQFN-24
STQFN-20
9
9
OA1_OUT
OpAmp1_OUT, MS-ACMP_IN5+
14
4
RH0_A/GPI1
Digital Rheostat0 Terminal A, GPI1
13
5
RH0_B/GPI2
Digital Rheostat0 Terminal B, GPI2
5
13
RH1_A/GPI4
Digital Rheostat1 Terminal A, GPI4, MS-ACMP_IN7+
6
12
RH1_B/GPI3
Digital Rheostat1 Terminal B, GPI3, MS-ACMP_IN6+
22
18
SCL/GPIO4
I2C_SCL, GPI_OD
21
19
SDA/GPIO5
I2C_SDA, GPI_OD
16
2
VDD
Digital Power Supply
4
14
VDDA
Analog Power Supply
Table 2. Functional Pin Description
Pin Name
Signal Name
Function
Input Options
Output Options
GND
GND
Analog and Digital GND
-
-
GPI0
GPI0
General Purpose Input
Digital Input w/o Schmitt Trigger
-
Digital Input with Schmitt Trigger
-
Low-voltage Digital Input
-
SLA_0
I2C Target Address Bit0
Digital
-
GPIO0
GPIO0
General Purpose IO with OE
Digital Input w/o Schmitt Trigger
Push-pull (1x) (2x)
Digital Input with Schmitt Trigger
Open-drain NMOS (1x) (2x)
Low-voltage Digital Input
-
ACMP_IN0+
MS-ACMP Positive Input0
Analog
-
EXT_OSC0_IN
External CLK0 Input
Digital
-
ASW_A
Analog Switch Input A
Analog
-
GPIO1
GPIO1
General Purpose IO with OE
Digital Input w/o Schmitt Trigger
Push-pull (1x) (2x)
Digital Input with Schmitt Trigger
Open-drain NMOS (1x) (2x)
Low-voltage Digital Input
-
ACMP_IN1+
MS-ACMP Positive Input1
Analog
-
EXT_OSC1_IN
External CLK1 Input
Digital
-
ASW_B
Analog Switch Input B
Analog
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com