| Electronic Components Datasheet Search |
|
SLG47003 Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SLG47003 Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 154 page ![]() SLG47001/03 Datasheet R19DS0122EU0103, Rev. 1.03 Nov. 28, 2024 Page 2 Contents 1. Overview..........................................................................................................................................................10 1.1 Block Diagram ......................................................................................................................................10 1.2 User Programmability and Customization............................................................................................11 2. Pin Information ...............................................................................................................................................12 2.1 Pin Assignments...................................................................................................................................12 2.2 Pin Descriptions ...................................................................................................................................12 3. Specifications .................................................................................................................................................16 3.1 Absolute Maximum Ratings .................................................................................................................16 3.2 ESD Ratings .........................................................................................................................................16 3.3 Recommended Operating Conditions ..................................................................................................17 3.4 Electrical Specifications........................................................................................................................17 3.4.1 Logic IO Specifications ......................................................................................................17 3.4.2 I2C Specifications...............................................................................................................21 3.4.3 Estimated Typical Current of Macrocell Configurations ....................................................22 3.4.4 Estimated Typical Delay of Each Macrocell ......................................................................23 3.4.5 Typical Propagation Delay and Pulse Width .....................................................................26 3.4.6 Typical Counter/Delay Offset.............................................................................................26 3.4.7 Oscillator Frequency ..........................................................................................................27 3.4.8 Oscillator Power-On Delay ................................................................................................27 3.4.9 OpAmp VREF Generator Specifications ..............................................................................27 3.4.10 MS-ACMP VREF Generator Specifications .........................................................................28 3.4.11 Sink/Source Buffer Specifications .....................................................................................28 3.4.12 Operational Amplifier Specifications ..................................................................................30 3.4.13 Analog Switch Specifications.............................................................................................32 3.4.14 MS-ACMP Specifications...................................................................................................33 3.4.15 Analog Temperature Sensor Specifications ......................................................................34 3.4.16 Digital Rheostat Specifications ..........................................................................................34 4. IO Pins .............................................................................................................................................................36 4.1 GPI Pins ...............................................................................................................................................36 4.1.1 GPI Structure (GPI0, RH0_A/GPI1, RH0_B/GPI2, RH1_A/GPI4, RH1_B/GPI3)..............36 4.2 GPIO Pins ............................................................................................................................................37 4.2.1 GPIO with I2C Mode IO Structure (SCL/GPIO4, SDA/GPIO5) ..........................................37 4.2.2 GPIO with Matrix OE IO Structure (GPIO0 – GPIO3) .......................................................38 4.2.3 GPIO with Register OE IO Structure (GPIO6 – GPIO9)....................................................39 4.3 Pull-Up/Pull-Down Resistors ................................................................................................................39 4.4 Fast Pull-Up/Pull-Down during Power-Up ............................................................................................39 4.5 Typical Performance of IOs..................................................................................................................40 5. Connection Matrix ..........................................................................................................................................42 5.1 Connection Matrix Input Table .............................................................................................................43 5.2 Connection Matrix Output Table ..........................................................................................................45 5.3 Connection Matrix Virtual Inputs ..........................................................................................................48 5.4 Connection Matrix Virtual Outputs .......................................................................................................48 6. Combination Function Macrocells................................................................................................................49 6.1 2-bit LUT or D Flip-Flop Macrocells .....................................................................................................49 6.1.1 2-bit LUT or D Flip-Flop Macrocell Used as 2-bit LUT ......................................................50 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |