Electronic Components Datasheet Search
  English  ▼

X  

SLG47003 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG47003
Description  GreenPAK Programmable Mixed-Signal Matrix with Analog Features
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47003 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG47003 Datasheet HTML 17Page - Renesas Technology Corp SLG47003 Datasheet HTML 18Page - Renesas Technology Corp SLG47003 Datasheet HTML 19Page - Renesas Technology Corp SLG47003 Datasheet HTML 20Page - Renesas Technology Corp SLG47003 Datasheet HTML 21Page - Renesas Technology Corp SLG47003 Datasheet HTML 22Page - Renesas Technology Corp SLG47003 Datasheet HTML 23Page - Renesas Technology Corp SLG47003 Datasheet HTML 24Page - Renesas Technology Corp SLG47003 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 154 page
background image
SLG47001/03 Datasheet
R19DS0122EU0103, Rev. 1.03
Nov. 28, 2024
Page 21
3.4.2
I2C Specifications
VDD = 2.3 V to 5.5 V, TA = -40 °C to +85 °C, typical values are at TA = +25 °C, unless otherwise specified.
Parameter
Symbol
Conditions
Fast-Mode
Fast-Mode Plus
Unit
Min
Max
Min
Max
IO Stage
LOW-level Input Voltage
VIL
Schmitt Trigger Input
-
0.3 x VDD
-
0.3 x VDD
V
Low-voltage Logic Input [1] [2]
-
1.0
N/A
N/A
HIGH-level Input Voltage
VIH
Schmitt Trigger Input
0.7 x VDD
-
0.7 x VDD
-
V
Low-voltage Logic Input [1] [2]
1.25
-
N/A
N/A
Hysteresis of Schmitt
Trigger Inputs
VHYS
0.05 x VDD
-
0.05 x VDD
-
V
LOW-level Output Voltage
VOL
OD at 3 mA Sink Current
0
0.4
0
0.4
V
LOW-level Output Current
IOL
VOL = 0.4 V
VDD = 2.3 V [2]
3
-
19.5
-
mA
VDD = 3.0 V
3
-
20
-
VDD = 4.5 V
3
-
20
-
VOL= 0.6 V
6
-
-
-
Output Fall Time from
VIH(MIN) to VIL(MAX) [2]
tOF
14x
(VDD/5.5)
250
10x
(VDD/5.5)
120
ns
Pulse Width of Spikes that
must be suppressed by
the Input Filter
tSP
0
50
0
50
ns
Input Current Each IO Pin
II
0.1 x VDD < VI < 0.9 x VDD(MAX)
-10
+10
-10
+10
µA
Capacitance for Each IO
Pin
CI
-
10
-
10
pF
Timing (see Figure 154 for Diagram)
SCL Clock Frequency
fSCL
-
400
-
1000
kHz
Hold Time for (Repeated)
START Condition
tHD_STA
600
-
260
-
ns
SCL Clock, LOW Period
tLOW
1300
-
500
-
ns
SCL Clock, HIGH Period
tHIGH
600
-
260
-
ns
Set-up Time for Repeated
START Condition
tSU_STA
600
-
260
-
ns
Data Hold Time
tHD_DAT
0
-
0
-
ns
Low-voltage Logic Input Mode
[2]
264
-
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com