Electronic Components Datasheet Search
  English  ▼

X  

LM62 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM62
Description  LM62 2.7V, 15.6 mV/°C SOT-23 Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM62 Datasheet(HTML) 2 Page - Texas Instruments

  LM62 Datasheet HTML 1Page - Texas Instruments LM62 Datasheet HTML 2Page - Texas Instruments LM62 Datasheet HTML 3Page - Texas Instruments LM62 Datasheet HTML 4Page - Texas Instruments LM62 Datasheet HTML 5Page - Texas Instruments LM62 Datasheet HTML 6Page - Texas Instruments LM62 Datasheet HTML 7Page - Texas Instruments LM62 Datasheet HTML 8Page - Texas Instruments LM62 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LM62
SNIS105E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage
+12V to
−0.2V
Output Voltage
(+VS + 0.6V) to −0.6V
Output Current
10 mA
Input Current at any pin(2)
5 mA
Storage Temperature
−65°C to +150°C
Junction Temperature, max (TJMAX)
+125°C
ESD Susceptibility(3)
Human Body Model
2500V
Machine Model
250V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > +VS), the current at that pin should be limited to 5 mA.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Ratings
(1)
Specified Temperature Range
TMIN ≤ TA ≤ TMAX
LM62B, LM62C
0°C
≤ TA ≤ +90°C
Supply Voltage Range (+VS)
+2.7V to +10V
Thermal Resistance,
θJA
(2)
450°C/W
Soldering process must comply with Texas Instruments' Reflow Temperature Profile specifications.
Refer to http://www.ti.com/packaging(3)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air.
(3)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com