Electronic Components Datasheet Search
  English  ▼

X  

LM62 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM62
Description  LM62 2.7V, 15.6 mV/°C SOT-23 Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM62 Datasheet(HTML) 3 Page - Texas Instruments

  LM62 Datasheet HTML 1Page - Texas Instruments LM62 Datasheet HTML 2Page - Texas Instruments LM62 Datasheet HTML 3Page - Texas Instruments LM62 Datasheet HTML 4Page - Texas Instruments LM62 Datasheet HTML 5Page - Texas Instruments LM62 Datasheet HTML 6Page - Texas Instruments LM62 Datasheet HTML 7Page - Texas Instruments LM62 Datasheet HTML 8Page - Texas Instruments LM62 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM62
www.ti.com
SNIS105E – JUNE 1999 – REVISED MARCH 2013
Electrical Characteristics
Unless otherwise noted, these specifications apply for +VS = +3.0 VDC. Boldface limits apply for TA = TJ = TMIN to TMAX ; all
other limits TA = TJ = 25°C.
Parameter
Conditions
Typical(1)
LM62B
LM62C
Units
(Limit)
Limits(2)
Limits(2)
Accuracy(3)
±2.0
±3.0
°C (max)
+2.5/
−2.0
+4.0/
−3.0
°C (max)
Output Voltage at 0°C
+480
mV
Nonlinearity(4)
±0.8
±1.0
°C (max)
Sensor Gain
+16.1
+16.3
mV/°C (max)
+16
(Average Slope)
+15.1
+14.9
mV/°C (min)
Output Impedance
+3.0V
≤ +VS ≤ +10V
4.7
4.7
k
Ω (max)
0°C
≤ TA ≤ +75°C, +VS= +2.7V
4.4
4.4
k
Ω (max)
Line Regulation(5)
+3.0V
≤ +VS ≤ +10V
±1.13
±1.13
mV/V (max)
+2.7V
≤ +VS ≤ +3.3V, 0°C ≤ TA ≤ +75°C
±9.7
±9.7
mV (max)
Quiescent Current
+2.7V
≤ +VS ≤ +10V
130
130
μA (max)
82
165
165
μA (max)
Change of Quiescent Current
+2.7V
≤ +VS ≤ +10V
±5
μA
Temperature Coefficient of
0.2
μA/°C
Quiescent Current
Long Term Stability(6)
TJ=TMAX=+100°C,
±0.2
°C
for 1000 hours
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to Texas Instruments' AOQL (Average Outgoing Quality Level).
(3)
Accuracy is defined as the error between the output voltage and +15.6 mV/°C times the device's case temperature plus 480 mV, at
specified conditions of voltage, current, and temperature (expressed in °C).
(4)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device's
rated temperature range.
(5)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(6)
For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature
cycled for at least 46 hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered;
allow time for stress relaxation to occur. The majority of the drift will occur in the first 1000 hours at elevated temperatures. The drift after
1000 hours will not continue at the first 1000 hour rate.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com