Electronic Components Datasheet Search
  English  ▼

X  

LM62 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM62
Description  LM62 2.7V, 15.6 mV/°C SOT-23 Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM62 Datasheet(HTML) 4 Page - Texas Instruments

  LM62 Datasheet HTML 1Page - Texas Instruments LM62 Datasheet HTML 2Page - Texas Instruments LM62 Datasheet HTML 3Page - Texas Instruments LM62 Datasheet HTML 4Page - Texas Instruments LM62 Datasheet HTML 5Page - Texas Instruments LM62 Datasheet HTML 6Page - Texas Instruments LM62 Datasheet HTML 7Page - Texas Instruments LM62 Datasheet HTML 8Page - Texas Instruments LM62 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM62
SNIS105E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
To generate these curves the LM62 was mounted to a printed circuit board as shown in Figure 12.
Thermal Resistance
Junction to Air
Thermal Time Constant
Figure 2.
Figure 3.
Thermal Response
Thermal Response in
in Stirred Oil Bath
Still Air with Heat Sink
with Heat Sink
Figure 4.
Figure 5.
Thermal Response in Still
Quiescent Current
Air without a Heat Sink
vs. Temperature
Figure 6.
Figure 7.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com