Electronic Components Datasheet Search
  English  ▼

X  

LM62 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM62
Description  LM62 2.7V, 15.6 mV/°C SOT-23 Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM62 Datasheet(HTML) 1 Page - Texas Instruments

  LM62 Datasheet HTML 1Page - Texas Instruments LM62 Datasheet HTML 2Page - Texas Instruments LM62 Datasheet HTML 3Page - Texas Instruments LM62 Datasheet HTML 4Page - Texas Instruments LM62 Datasheet HTML 5Page - Texas Instruments LM62 Datasheet HTML 6Page - Texas Instruments LM62 Datasheet HTML 7Page - Texas Instruments LM62 Datasheet HTML 8Page - Texas Instruments LM62 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM62
www.ti.com
SNIS105E – JUNE 1999 – REVISED MARCH 2013
LM62 2.7V, 15.6 mV/°C SOT-23 Temperature Sensor
Check for Samples: LM62
1
FEATURES
DESCRIPTION
The
LM62
is
a
precision
integrated-circuit
2
•
Calibrated Linear Scale Factor of +15.6 mV/°C
temperature sensor that can sense a 0°C to +90°C
•
Rated for Full 0°C to +90°C Range with 3.0V
temperature range while operating from a single
Supply
+3.0V supply. The LM62's output voltage is linearly
•
Suitable for Remote Applications
proportional to Celsius (Centigrade) temperature
(+15.6 mV/°C) and has a DC offset of +480 mV. The
offset allows reading temperatures down to 0°C
APPLICATIONS
without the need for a negative supply. The nominal
•
Cellular Phones
output voltage of the LM62 ranges from +480 mV to
•
Computers
+1884 mV for a 0°C to +90°C temperature range.
The LM62 is calibrated to provide accuracies of
•
Power Supply Modules
±2.0°C at room temperature and +2.5°C/
−2.0°C over
•
Battery Management
the full 0°C to +90°C temperature range.
•
FAX Machines
The LM62's linear output, +480 mV offset, and factory
•
Printers
calibration simplify external circuitry required in a
•
HVAC
single
supply
environment
where
reading
temperatures down to 0°C is required. Because the
•
Disk Drives
LM62's quiescent current is less than 130
μA, self-
•
Appliances
heating is limited to a very low 0.2°C in still air.
Shutdown capability for the LM62 is intrinsic because
KEY SPECIFICATIONS
its inherent low power consumption allows it to be
powered directly from the output of many logic gates.
•
Accuracy at 25°C ±2.0 or ±3.0°C (max)
•
Temperature Slope +15.6 mV/°C
•
Power Supply Voltage Range +2.7V to +10V
•
Current Drain @ 25°C 130
μA (max)
•
Nonlinearity ±0.8°C (max)
•
Output Impedance 4.7 k
Ω (max)
Typical Application
Connection Diagram
See Package Number DBZ
VO = (+15.6 mV/°C × T°C) + 480 mV
Figure 1. Full-Range Centigrade Temp. Sensor
(0°C to +90°C) Stabilizing a Crystal Oscillator
Temperature (T)
Typical VO
+90°C
+1884 mV
+70°C
+1572 mV
+25°C
870 mV
0°C
+480 mV
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM62

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
LM62 NSC-LM62 Datasheet
639Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM62 TI-LM62 Datasheet
1Mb / 15P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
KODENSHI_AUK CORP.
LM620 KODENSHI-LM620 Datasheet
339Kb / 1P
High-Brightness RGB Full Color
logo
Cystech Electonics Corp...
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
Low Dropout CMOS Voltage Regulators
More results

Similar Description - LM62

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62 Datasheet
218Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62_05 Datasheet
639Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM62 TI-LM62_15 Datasheet
1Mb / 15P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com