Electronic Components Datasheet Search
  English  ▼

X  

FTLC9152RGPL Datasheet(PDF) 3 Page - Coherent Corp

Part # FTLC9152RGPL
Description  100m 100G QSFP28 SWDM4 Optical Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

FTLC9152RGPL Datasheet(HTML) 3 Page - Coherent Corp

  FTLC9152RGPL Datasheet HTML 1Page - Coherent Corp FTLC9152RGPL Datasheet HTML 2Page - Coherent Corp FTLC9152RGPL Datasheet HTML 3Page - Coherent Corp FTLC9152RGPL Datasheet HTML 4Page - Coherent Corp FTLC9152RGPL Datasheet HTML 5Page - Coherent Corp FTLC9152RGPL Datasheet HTML 6Page - Coherent Corp FTLC9152RGPL Datasheet HTML 7Page - Coherent Corp FTLC9152RGPL Datasheet HTML 8Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FTLC9152RGPL
3
Pin
Symbol
Name/Description
Notes
1
GND
Ground
1
2
Tx2n
Transmitter Inverted Data Input
3
Tx2p
Transmitter Non-Inverted Data Input
4
GND
Ground
1
5
Tx4n
Transmitter Inverted Data Input
6
Tx4p
Transmitter Non-Inverted Data Input
7
GND
Ground
1
8
ModSelL
Module Select
9
ResetL
Module Reset
10
Vcc Rx
+3.3 V Power supply receiver
11
SCL
2-wire serial interface clock
12
SDA
2-wire serial interface data
13
GND
Ground
1
14
Rx3p
Receiver Non-Inverted Data Output
15
Rx3n
Receiver Inverted Data Output
16
GND
Ground
1
17
Rx1p
Receiver Non-Inverted Data Output
18
Rx1n
Receiver Inverted Data Output
19
GND
Ground
1
20
GND
Ground
1
21
Rx2n
Receiver Inverted Data Output
22
Rx2p
Receiver Non-Inverted Data Output
23
GND
Ground
1
24
Rx4n
Receiver Inverted Data Output
25
Rx4p
Receiver Non-Inverted Data Output
26
GND
Ground
1
27
ModPrsL
Module Present
28
IntL
Interrupt
29
Vcc Tx
+3.3 V Power supply transmitter
30
Vcc1
+3.3 V Power Supply
31
LPMode
Low Power Mode
32
GND
Ground
1
33
Tx3p
Transmitter Non-Inverted Data Input
34
Tx3n
Transmitter Inverted Data Input
35
GND
Ground
1
36
Tx1p
Transmitter Non-Inverted Data Input
37
Tx1n
Transmitter Inverted Data Input
38
GND
Ground
1
Notes
1. Circuit ground is internally isolated from chassis ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com