Electronic Components Datasheet Search
  English  ▼

X  

FTLC9152RGPL Datasheet(PDF) 4 Page - Coherent Corp

Part # FTLC9152RGPL
Description  100m 100G QSFP28 SWDM4 Optical Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

FTLC9152RGPL Datasheet(HTML) 4 Page - Coherent Corp

  FTLC9152RGPL Datasheet HTML 1Page - Coherent Corp FTLC9152RGPL Datasheet HTML 2Page - Coherent Corp FTLC9152RGPL Datasheet HTML 3Page - Coherent Corp FTLC9152RGPL Datasheet HTML 4Page - Coherent Corp FTLC9152RGPL Datasheet HTML 5Page - Coherent Corp FTLC9152RGPL Datasheet HTML 6Page - Coherent Corp FTLC9152RGPL Datasheet HTML 7Page - Coherent Corp FTLC9152RGPL Datasheet HTML 8Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FTLC9152RGPL
4
II. Absolute Maximum Ratings
Module performance is not guaranteed beyond the operating range (see Section VI). Exceeding the limits below may dam-
age the transceiver module permanently.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
3.6
V
Storage Temperature
T
S
-40
85
°C
Case Operating Temperature
T
OP
0
70
°C
1
Relative Humidity
RH
15
85
%
2
Receiver Damage Threshold, per Lane
P
Rdmg
3.8
dBm
Notes:
Non-condensing.
III. Electrical Characteristics (EOL, TOP = -20 to +85 °C, V
CC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.135
3.465
V
Supply Current
Icc
1.6
A
Module total power
P
3.5
W
1
Transmitter
Signaling rate per lane
25.78125 ± 100 ppm
Gb/s
Differential data input swing per lane
Vin,pp
900
mV
Stressed input parameters
Single-ended voltage tolerance
Vin,pp
-0.35
+3.3
V
Module stress input test
Per Section 83E.3.4.1, IEEE 802.3bm
Receiver
Signaling rate per lane
25.78125 ± 100 ppm
GBd
Differential data output swing
Vout,pp
100
400
mVpp
2
300
600
400
600
800
600
1200
Eye width
EW15
0.57
UI
Eye height, differential
228
mV
Vertical eye closure
VEC
5.5
dB
Transition time (20% to 80%)
tr, tf
12
ps
Notes:
1. Maximum total power value is specified across the full temperature and voltage range.
2. Output voltage is settable in 4 discrete ranges via I2C. Default range is Range 2 (400 – 800 mV).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com