Electronic Components Datasheet Search
  English  ▼

X  

FTLC9152RGPL Datasheet(PDF) 6 Page - Coherent Corp

Part # FTLC9152RGPL
Description  100m 100G QSFP28 SWDM4 Optical Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

FTLC9152RGPL Datasheet(HTML) 6 Page - Coherent Corp

  FTLC9152RGPL Datasheet HTML 1Page - Coherent Corp FTLC9152RGPL Datasheet HTML 2Page - Coherent Corp FTLC9152RGPL Datasheet HTML 3Page - Coherent Corp FTLC9152RGPL Datasheet HTML 4Page - Coherent Corp FTLC9152RGPL Datasheet HTML 5Page - Coherent Corp FTLC9152RGPL Datasheet HTML 6Page - Coherent Corp FTLC9152RGPL Datasheet HTML 7Page - Coherent Corp FTLC9152RGPL Datasheet HTML 8Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FTLC9152RGPL
6
V. Link Budget
Parameter
Symbol
Typ
Max
Units
Ref.
Bit Rate (all wavelengths combined)
BR
103.10
Gb/s
Bit Error Rate
BER
5x10-5
1
Insertion Loss
IL
1.8
dB
2
Maximum Supported Distances
Fiber Type
OM3 MMF
Lmax1
75
m
3
OM4 MMF
Lmax2
100
m
3
OM5 MMF
Lmax3
150
m
3
Notes:
1. Tested with a 231 – 1 PRBS at 25.78125 Gb/s
2. 850 nm channel can tolerate 1.9 dB insertion loss
3. Specified at 103.1Gb/s. Requires RS-FEC on the host to support maximum distance.
VI. Environmental Specifications
Finisar FTLC9152 QSFP28 transceivers have a commercial operating case temperature range of 0°C to +70°C. They can
support temporary excursions to case temperatures of
-5°C and +75°C without permanent damage (see Section II).
Environmental Specifications
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-40
85
°C
VII. Regulatory Compliance
Finisar FTLC9152 QSFP28 transceivers are Class 1 Laser Products. They are certified per the following standards:
Feature
Agency
Standard
Laser Eye Safety
FDA/CDRH
CDRH 21 CFR 1040 and Laser Notice 50
TÜV
EN 60825-1:2014
EN 60825-2:2004+A1+A2
Electrical Safety
TÜV
EN 60950-1:2006+A11+A1+A12+A2
UL/CSA
CAN/CSA-C22.2 No. 60950-1-07+A2:2014 ANSI/UL Std. No. 60950-1:2014
Copies of the referenced certificates will be available at Finisar upon request. Complies with FDA performance standards for
laser products except for deviations pursuant to Laser Notice No. 50, dated June 24, 2007.
CAUTION – Use of Controls or adjustments or performance of procedures other than those specified herein may result in
hazardous radiation exposure.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com