Electronic Components Datasheet Search
  English  ▼

X  

FTLC9152RGPL Datasheet(PDF) 7 Page - Coherent Corp

Part # FTLC9152RGPL
Description  100m 100G QSFP28 SWDM4 Optical Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

FTLC9152RGPL Datasheet(HTML) 7 Page - Coherent Corp

  FTLC9152RGPL Datasheet HTML 1Page - Coherent Corp FTLC9152RGPL Datasheet HTML 2Page - Coherent Corp FTLC9152RGPL Datasheet HTML 3Page - Coherent Corp FTLC9152RGPL Datasheet HTML 4Page - Coherent Corp FTLC9152RGPL Datasheet HTML 5Page - Coherent Corp FTLC9152RGPL Datasheet HTML 6Page - Coherent Corp FTLC9152RGPL Datasheet HTML 7Page - Coherent Corp FTLC9152RGPL Datasheet HTML 8Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FTLC9152RGPL
7
VIII.
Digital Diagnostics Functions
FTLC9152 QSFP28 transceivers support the I2C-based diagnostics interface specified by the QSFP28 MSA1. See Finisar
Application Note AN-21715.
IX.
Memory Contents
Per the QSFP28 MSA1. See Finisar Application Note AN-21715.
XI. Mechanical Specifications
Finisar FTLC9152 QSFP28 transceivers are compatible with the QSFP28 MSA.1 The pull tab color is grey (Pantone 424U).
Figure 2. FTLC9152RGPL Mechanical Dimensions.
Figure 3. FTLC9152RGPL Product label (not to scale)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com