Electronic Components Datasheet Search
  English  ▼

X  

UTC75232L Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTC75232L
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC75232L Datasheet(HTML) 5 Page - Unisonic Technologies

  UTC75232L Datasheet HTML 1Page - Unisonic Technologies UTC75232L Datasheet HTML 2Page - Unisonic Technologies UTC75232L Datasheet HTML 3Page - Unisonic Technologies UTC75232L Datasheet HTML 4Page - Unisonic Technologies UTC75232L Datasheet HTML 5Page - Unisonic Technologies UTC75232L Datasheet HTML 6Page - Unisonic Technologies UTC75232L Datasheet HTML 7Page - Unisonic Technologies UTC75232L Datasheet HTML 8Page - Unisonic Technologies UTC75232L Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UTC75232
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R113-005,B
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE
RANGE (unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
Supply voltage (Note 1)
VDD
15
V
Supply voltage (Note 1)
Vss
-15
V
Supply voltage (Note 1)
Vcc
10
V
Input voltage range (DRIVER)
VI
-15 to 7
V
Input voltage range (RECEIVER)
VI
-30 to 30
V
Driver output voltage range
Vo
-15 to 15
V
Receiver low level output current
Io
20
mA
Thermal impedance (note 2)
SSOP-20
SOP-20
DIP-20
θ
JA
115
97
67
°C/W
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 1.6mm from case for 10 sec
TL
260
°C
Note 1: All voltage are with respect to the network ground terminal.
Note 2: The package thermal impedance is calculated in accordance with JESD 51, except for through-hole
packages, which use a trace length of zero.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply voltage
VDD
7.5
9
15
V
Supply voltage
VSS
-7.5
-9
-15
V
Supply voltage
VCC
4.5
5
5.5
V
High level input voltage (driver only)
VIH
1.9
V
Low level input voltage (driver only)
VIL
0.8
V
High level output current
DRIVER
RECEIVER
IOH
-6.0
-0.5
mA
Low level output current
DRIVER
RECEIVER
IOL
6
16
mA
Operating free-air temperature
TA
0
70
°C
SUPPLY CURRENTS
TEST CONDITIONS
PARAMETER
SYMBOL
VDD
Vss
MIN
MAX
UNIT
9
-9
15
12
-12
19
mA
No load.
All inputs at 1.9V
15
-15
25
9
-9
4.5
12
-12
5.5
Supply current from VDD
IDD
No load.
All inputs at 0.8V
15
-15
9
mA
9
-9
-15
12
-12
-19
No load.
All inputs at 1.9V
15
-15
-25
mA
9
-9
-3.2
12
-12
-3.2
Supply current from Vss
Iss
No load.
All inputs at 0.8V
15
-15
-3.2
mA
Supply current from Vcc
Icc
No load. All inputs at 5V,
Vcc=5V
30
mA
Free Datasheet http://www.datasheetlist.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com