Electronic Components Datasheet Search
  English  ▼

X  

UTC75232L Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UTC75232L
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC75232L Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UTC75232L Datasheet HTML 2Page - Unisonic Technologies UTC75232L Datasheet HTML 3Page - Unisonic Technologies UTC75232L Datasheet HTML 4Page - Unisonic Technologies UTC75232L Datasheet HTML 5Page - Unisonic Technologies UTC75232L Datasheet HTML 6Page - Unisonic Technologies UTC75232L Datasheet HTML 7Page - Unisonic Technologies UTC75232L Datasheet HTML 8Page - Unisonic Technologies UTC75232L Datasheet HTML 9Page - Unisonic Technologies UTC75232L Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UTC75232
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R113-005,B
DRIVER ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
FREE-AIR TEMPERATURE RANGE (VDD=9V, Vss=-9V, Vcc=5V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High level output voltage
VOH
VIL=0.8V, RL=3 k
Ω (Figure 1)
6
7.5
V
Low level output voltage (note 3)
VOL
VIH=1.9V, RL=3 k
Ω (Figure
1)
-7.5
-6
V
High level input current
IIH
VI=5V (Figure 2)
10
µA
Low level input current
IIL
VI=0V (Figure 2)
-1.6
mA
High level short circuit output current
(note 4)
IOS(H)
VIL=0.8V, VO=0V(Figure 1)
-4.5
-12
-19.5
mA
Low level short circuit output current
IOS(L)
VIH=2V, Vo=0V(Figure 1)
4.5
12
19.5
mA
Output resistance (note 5)
rO
VDD=Vss=Vcc=0V
Vo=-2 to 2V
300
Ω
Note 3: The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in
this datasheet for logic levels only (e.g. if -10V is a maximum, the typical value is a more negative voltage).
Note 4: Output short circuit conditions must maintain the total power dissipation below absolute maximum ratings.
Note 5: Test conditions are those specified by TIA/EIA232-F and as listed above.
DRIVER SWITCHING CHARACTERISTICS (VDD=12V, Vss=-12V, Vcc=5V, TA=25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time, low to high level
output
tPLH
RL=3 to 7 k
Ω, C
L=15pF
(Figure 3)
315
500
ns
Propagation delay time, high to low level
output
tPHL
RL=3 to 7 k
Ω, C
L=15pF
(Figure 3)
75
175
ns
RL=3 to 7 k
Ω, C
L=15pF
(Figure 3)
60
100
ns
Transition time, low to high level output
tTLH
RL=3 to 7 k
Ω, C
L=2500pF
(Note 6, Figure 3)
1.7
2.5
µs
RL=3 to 7 k
Ω, C
L=15pF
(Figure 3)
40
75
ns
Transition time high to low level output
tTHL
RL=3 to 7 k
Ω, C
L=2500pF
(Note 7, Figure 3)
1.5
2.5
µs
Note 6: Measured between -3V and 3V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs
are tied.
Note 7: Measured between 3V and -3V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs
are tied.
Free Datasheet http://www.datasheetlist.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com