Electronic Components Datasheet Search
  English  ▼

X  

UTC75232L Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UTC75232L
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC75232L Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UTC75232L Datasheet HTML 4Page - Unisonic Technologies UTC75232L Datasheet HTML 5Page - Unisonic Technologies UTC75232L Datasheet HTML 6Page - Unisonic Technologies UTC75232L Datasheet HTML 7Page - Unisonic Technologies UTC75232L Datasheet HTML 8Page - Unisonic Technologies UTC75232L Datasheet HTML 9Page - Unisonic Technologies UTC75232L Datasheet HTML 10Page - Unisonic Technologies UTC75232L Datasheet HTML 11Page - Unisonic Technologies UTC75232L Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UTC75232
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
8
QW-R113-005,B
Figure 2. Driver test circuit for IIH, IIL
Figure 3. Driver test circuit and voltage waveforms
Note 1. The pulse generator has the following characteristics: tw=25
µs, PRR=20kHz, Zo=50Ω, tr=tf<50ns.
Note 2. CL includes probe and jig capacitance.
Free Datasheet http://www.datasheetlist.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com