Electronic Components Datasheet Search
  English  ▼

X  

UTC75232L Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UTC75232L
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC75232L Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UTC75232L Datasheet HTML 3Page - Unisonic Technologies UTC75232L Datasheet HTML 4Page - Unisonic Technologies UTC75232L Datasheet HTML 5Page - Unisonic Technologies UTC75232L Datasheet HTML 6Page - Unisonic Technologies UTC75232L Datasheet HTML 7Page - Unisonic Technologies UTC75232L Datasheet HTML 8Page - Unisonic Technologies UTC75232L Datasheet HTML 9Page - Unisonic Technologies UTC75232L Datasheet HTML 10Page - Unisonic Technologies UTC75232L Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UTC75232
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R113-005,B
RECEIVER ELECTRICAL CHARACTERISTICS OVER RECOMMENDED
OPERATING CONDITIONS (TA=25
°C, Vcc=5V, V
DD=9V, Vss=-9V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive going threshold voltage
VT+
(Figure 5)
TA=25
°C
TA=0
°C to 70°C
1.75
1.55
1.9
2.3
2.3
V
Negative going threshold voltage
VT-
0.75
0.97
1.25
V
Input hysteresis(VT+
- VT-)
Vhys
0.5
V
VIH=0.75V
2.6
4
5
High level output voltage
VOH
IoH=-0.5mA
Inputs Open
2.6
V
Low level output voltage
VOL
VI=3V, IOL=10mA
0.2
0.45
V
VI=25V (Figure 5)
3.6
8.3
High level input current
IIH
VI=3V (Figure 5)
0.43
mA
VI=-25V (Figure 5)
-3.6
-8.3
Low level input current
IIL
VI=-3V (Figure 5)
-0.43
mA
Short-circuit output current
Ios
(Figure 4)
-3.4
-12
mA
RECEIVER SWITCHING CHARACTERISTICS (VDD=12V, Vss=-12V, Vcc=5V, TA=25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time, low to high level
output
tPLH
107
250
ns
Propagation delay time, high to low level
output
tPHL
42
150
ns
Transition time low to high level output
tTLH
175
350
ns
Transition time high to low level output
tTHL
RL=5 k
Ω, CL=50pF
(Figure 6)
16
60
ns
Propagation delay time, low to high level
output
tPLH
100
160
ns
Propagation delay time, high to low level
output
tPHL
60
100
ns
Transition time low to high level output
tTLH
90
175
ns
Transition time high to low level output
tTHL
RL=1.5 k
Ω, CL=15pF
(Figure 6)
15
50
ns
Figure 1. Driver test circuit for VOH, VOL, IOS(H), IOS(L)
Free Datasheet http://www.datasheetlist.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com