Electronic Components Datasheet Search
  English  ▼

X  

LM98640QML-SP Datasheet(PDF) 4 Page - Texas Instruments

Part # LM98640QML-SP
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640QML-SP Datasheet(HTML) 4 Page - Texas Instruments

  LM98640QML-SP Datasheet HTML 1Page - Texas Instruments LM98640QML-SP Datasheet HTML 2Page - Texas Instruments LM98640QML-SP Datasheet HTML 3Page - Texas Instruments LM98640QML-SP Datasheet HTML 4Page - Texas Instruments LM98640QML-SP Datasheet HTML 5Page - Texas Instruments LM98640QML-SP Datasheet HTML 6Page - Texas Instruments LM98640QML-SP Datasheet HTML 7Page - Texas Instruments LM98640QML-SP Datasheet HTML 8Page - Texas Instruments LM98640QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VCOM1
VDD33
VDD33
VSS33
VSS33
OS1-
OS1+
VSS33
VCLP
VSS33
OS2+
OS2-
VSS33
VSS33
VDD33
VDD33
VCOM2
ATB0
VDD18
VSS18
TXCLK-
TXCLK+
TXOUT0-
TXOUT0+
TXOUT1-
TXOUT1+
TXOUT2-
TXOUT2+
TXOUT3-
TXOUT3+
TXFRM-
TXFRM+
VSS18
VDD18
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
* Exposed pad is for thermal dissipation and must be soldered to
ground plane to ensure rated performance.
VSS33
LM98640QML-SP
68 Pin Ceramic QFP with Exposed Pad
(top view, exposed pad on bottom of package, not to scale)
4
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
68-Pin QFP
Package NBB0068D
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com