Electronic Components Datasheet Search
  English  ▼

X  

LM98640QML-SP Datasheet(PDF) 49 Page - Texas Instruments

Part # LM98640QML-SP
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640QML-SP Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM98640QML-SP Datasheet HTML 45Page - Texas Instruments LM98640QML-SP Datasheet HTML 46Page - Texas Instruments LM98640QML-SP Datasheet HTML 47Page - Texas Instruments LM98640QML-SP Datasheet HTML 48Page - Texas Instruments LM98640QML-SP Datasheet HTML 49Page - Texas Instruments LM98640QML-SP Datasheet HTML 50Page - Texas Instruments LM98640QML-SP Datasheet HTML 51Page - Texas Instruments LM98640QML-SP Datasheet HTML 52Page - Texas Instruments LM98640QML-SP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
49
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
10 Device and Documentation Support
10.1 Device Support
10.1.1 Development Support
10.1.1.1 Evaluation Board
The LM98640CVAL is a flexible evaluation board that can be configured for the many different operational
options of the LM98640. The LM98640CVAL can be driven with a WaveVison 5 Data Capture board. The
software to drive the board only works with Windows XP.
10.1.1.2 Register Programming Software
A Graphical User Interface (GUI) is available for download at the LM98640CVAL tool folder. It can be used to
verify the register settings for the different configuration modes. The software only works with Windows XP.
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
10.3 Community Resources
The following link connects to a TI community resource. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community for High Reliability products. Created to
foster collaboration among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and
help solve problems with fellow engineers.
10.4 Export Control Notice
Recipient agrees to not knowingly export or re-export, directly or indirectly, any product or technical data (as
defined by the U.S., EU, and other Export Administration Regulations) including software, or any controlled
product restricted by other applicable national regulations, received from disclosing party under nondisclosure
obligations (if any), or any direct product of such technology, to any destination to which such export or re-export
is restricted or prohibited by U.S. or other applicable laws, without obtaining prior authorization from U.S.
Department of Commerce and other competent Government authorities to the extent required by those laws.
10.5 Trademarks
All trademarks are the property of their respective owners.
10.6 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
10.7 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com