Electronic Components Datasheet Search
  English  ▼

X  

LM98640QML-SP Datasheet(PDF) 13 Page - Texas Instruments

Part # LM98640QML-SP
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640QML-SP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM98640QML-SP Datasheet HTML 9Page - Texas Instruments LM98640QML-SP Datasheet HTML 10Page - Texas Instruments LM98640QML-SP Datasheet HTML 11Page - Texas Instruments LM98640QML-SP Datasheet HTML 12Page - Texas Instruments LM98640QML-SP Datasheet HTML 13Page - Texas Instruments LM98640QML-SP Datasheet HTML 14Page - Texas Instruments LM98640QML-SP Datasheet HTML 15Page - Texas Instruments LM98640QML-SP Datasheet HTML 16Page - Texas Instruments LM98640QML-SP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
13
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
LM98640QML-SP Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD33 = 3.3 V, VDD18 = 1.8 V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified.
PARAMETER
TEST CONDITIONS
NOTES
SUB-
GROUPS
MIN TYP(3)
MAX UNIT
VCLP REFERENCE CIRCUIT SPECIFICATION
VCLP DAC Resolution
1, 2, 3
5
5
Bits
VCLP DAC Step Size
1, 2, 3
96
98
102
mV
VVCLP
VCLP DAC Voltage Min Output
VCLP Control Register =
1, 2, 3
194
224
298
mV
0110 0000
VCLP DAC Voltage Max Output
VCLP Control Register =
1, 2, 3
2.99
3.07
3.11
V
0111 1101
ISC
VCLP DAC Short Circuit Output
Current
VCLP Control Register =
33
mA
011x xxxx
COARSE ANALOG OFFSET DAC SPECIFICATIONS
Resolution
±8
Bits
Offset Adjustment Range
Referred to AFE Input
CDS Gain = 1x
Minimum DAC Code = 0x000
1, 2, 3
–264
–262
–251
mV
Maximum DAC Code = 0x1FF
251
263
266
Offset Adjustment Range
Referred to AFE Input
CDS Gain = 2x
Minimum DAC Code = 0x000
1, 2, 3
–132
–131
–126
mV
Maximum DAC Code = 0x1FF
126
131
133
Offset Adjustment Range
Referred to AFE Output
Minimum DAC Code = 0x000
1, 2, 3
–2162
–2146
–2058
LSB
Maximum DAC Code = 0x1FF
2058
2154
2176
DAC Step Size
CDS Gain = 1x
Input Referred
1
mV
DAC Step Size
CDS Gain = 1x
Output Referred
8
LSB
DNL
Differential Non-Linearity
CDS Gain = 1x or 2x 40 MHz
1, 2, 3
–1.1
±0.97
1.1
LSB
INL
Integral Non-Linearity
CDS Gain = 1x or 2x 40 MHz
1, 2, 3
–2.8
±1.5
2.80
LSB
FINE ANALOG OFFSET DAC SPECIFICATIONS
Resolution
±8
Bits
Offset Adjustment Range
Referred to AFE Input
CDS Gain = 1x
Minimum DAC Code = 0x000
1, 2, 3
–5.9
–4.6
–3.1
mV
Maximum DAC Code = 0x1FF
4.3
5.3
6.8
Offset Adjustment Range
Referred to AFE Input
CDS Gain = 2x
Minimum DAC Code = 0x000
1, 2, 3
–2.9
–2.3
–1.5
mV
Maximum DAC Code = 0x1FF
2.1
2.6
3.4
Offset Adjustment Range
Referred to AFE Output
Minimum DAC Code = 0x000
1, 2, 3
–48
–38
–25
LSB
Maximum DAC Code = 0x1FF
35
43
56
DAC Step Size
CDS Gain = 1x
Input Referred
20
uV
DAC Step Size
CDS Gain = 1x
Output Referred
0.16
LSB
DNL
Differential Non-Linearity
±1
LSB
INL
Integral Non-Linearity
±2.2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com