Electronic Components Datasheet Search
  English  ▼

X  

LM98640QML-SP Datasheet(PDF) 44 Page - Texas Instruments

Part # LM98640QML-SP
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640QML-SP Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM98640QML-SP Datasheet HTML 40Page - Texas Instruments LM98640QML-SP Datasheet HTML 41Page - Texas Instruments LM98640QML-SP Datasheet HTML 42Page - Texas Instruments LM98640QML-SP Datasheet HTML 43Page - Texas Instruments LM98640QML-SP Datasheet HTML 44Page - Texas Instruments LM98640QML-SP Datasheet HTML 45Page - Texas Instruments LM98640QML-SP Datasheet HTML 46Page - Texas Instruments LM98640QML-SP Datasheet HTML 47Page - Texas Instruments LM98640QML-SP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
44
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Table 9. Register Definitions - Digital Configuration
ADDRESS
(BINARY)
REGISTER
TITLE
BASELINE
(BINARY)
BIT(s)
DESCRIPTION
11 0000
Test Pattern Start
0000 0000
[15:8]
Upper 8 bits of the Test Pattern start value. Specifies the number of
pixels after the leading edge of CLPIN to the Valid Pixel region.
11 0001
Test Pattern Start
0000 0000
[7:0]
Lower 8 bits of the Test Pattern start value. Specifies the number of
pixels after the leading edge of CLPIN to the Valid Pixel region.
11 0010
Test Pattern Width
0000 0000
[15:8]
Upper 8 bits of the Test Pattern Width value. Specifies, in number of
pixels, the width of the Valid Pixel region.
11 0011
Test Pattern Width
0000 0000
[7:0]
Lower 8 bits of the Test Pattern Width value. Specifies, in number of
pixels, the width of the Valid Pixel region.
11 0100
Test Pattern Control
0000 0000
[7:0]
Test Pattern Control Register.
[7]
Programmable Pattern Switch
0 Disabled. Normal LVDS output operation.
1 Enabled. AFE outputs LVDS test patterns.
[6:4]
Test Pattern Mode
000 Fixed Code
001 Horizontal Gradient Scan (Main Scan)
010 Vertical Gradient Scan (Sub Scan)
011 Grid Scan (Lattice Pattern)
100 Strip Pattern
101 LVDS Test Pattern. (Synchronous to CLPIN)
110 LVDS Test Pattern. (Asynchronous)
111 Not Used.
[3]
Pseudo Random Pattern Enable.
Overrides Programmable Patter Switch setting (bit 7). Normally only
one should be on.
[2]
Load Seed Enable.
When set, the seed value in the Test Pattern Value Register is loaded
in the LFSR at the leading edge of CLPIN.
[1:0]
Test Pattern Output Channel Select.
00 Both Channels
01 Channel 1
10 Channel 2
11 Not Used
11 0101
Test Pattern Pitch
0000 0000
[7:0]
Test Pattern pitch, specifies number of pixels for H Gradient pattern
and Stripe pattern, or number of lines in the V Gradient pattern, or
specifies pixels & lines in the Lattice pattern.
11 0110
Test Pattern Step
0000 0000
[7:0]
Test Pattern Step Code. Specifies step size in LSB codes the pattern is
incremented in H Gradient and V Gradient pattern. In Lattice and Stripe
pattern it specifies the code during the lower step.
11 0111
Test Pattern Channel
Offset
0000 0000
[7:0]
Test Pattern Channel Offset Register.
[7:4]
Not Used.
[3:0]
Test Pattern Channel Offset. This specifies the number of lines the
pattern on Channel 2 is delayed from Channel 1. This offset is
maintained throughout the pattern.
11 1000
Test Pattern Value
0000 0000
[15:8]
Upper 8 bits of Test Pattern Value Register. Specifies the upper 8 bits
of the test value code during Fixed Pattern and LVDS test, initial value
during H Gradient & V Gradient pattern, and higher value in the Lattice
and Stripe Pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com