Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH7322
Description  LMH7322 Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH7322 Datasheet(HTML) 4 Page - Texas Instruments

  LMH7322 Datasheet HTML 1Page - Texas Instruments LMH7322 Datasheet HTML 2Page - Texas Instruments LMH7322 Datasheet HTML 3Page - Texas Instruments LMH7322 Datasheet HTML 4Page - Texas Instruments LMH7322 Datasheet HTML 5Page - Texas Instruments LMH7322 Datasheet HTML 6Page - Texas Instruments LMH7322 Datasheet HTML 7Page - Texas Instruments LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LMH7322
SNOSAU8I – MARCH 2007 – REVISED MARCH 2013
www.ti.com
12 AC Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for TJ = 25°C, VCCI = VCCO = 12V, VEE = 0V, RL = 50Ω to VCCO-2V, VCM =
300 mV, RHYS = none.Boldface limits apply at temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
tjitter-RMS
RMS Random Jitter
Overdrive = ±100 mV; CL = 2 pF
702
fs
Center Frequency = 140 MHz
Bandwidth = 10 Hz–20 MHz
tPDH
Propagation Delay.
Overdrive 20 mV
818
ps
(see Figure 19 application note)
Overdrive 50 mV
723
Input SR = Constant
Overdrive 100 mV
708
ps
VIN Startvalue = VREF −100 mV
Overdrive 1V
703
tOD-disp
Input Overdrive Dispersion
tPDH @ Overdrive 20 mV ↔ 100 mV
110
ps
tPDH @ Overdrive 100 mV ↔ 1V
5
tSR-disp
Input Slew Rate Dispersion
0.1 V/ns to 1 V/ns; Overdrive = 100
48
ps
mV
tCM-disp
Input Common Mode Dispersion
SR = 1 V/ns; Overdrive = 100 mV;
43
ps
0V
≤ VCM ≤ VCCI- 1.5V
ΔtPDLH
Q to Q Time Skew |tPDH – tPDL|
Overdrive = 100 mV; CL = 2 pF
24
ps
ΔtPDHL
Q to Q Time Skew |tPDL – tPDH|
Overdrive = 100 mV; CL = 2 pF
45
ps
tr
Output Rise Time (20%–80%)
Overdrive = 100 mV; CL = 2 pF
155
ps
tf
Output Fall Time (20%–80%)
Overdrive = 100 mV; CL = 2 pF
155
ps
tsLE
Latch Setup Time
77
ps
thLE
Latch Hold Time
33
ps
tPD_LE
Latch to Output Delay Time
944
ps
5V DC Electrical Characteristics
Unless otherwise specified, all limits are specified for TJ = 25°C, VCCI = VCCO = 5V, VEE = 0V, RL = 50Ω to VCCO-2V, VCM = 300
mV, RHYS = 1 kΩ.Boldface limits apply at temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
INPUT CHARACTERISTICS
IB
Input Bias Current
VIN Differential = 0V; RHYS = 8 kΩ
−5
−2.6
µA
Biased at VCM
IOS
Input Offset Current
VIN Differential = 0V
−250
40
+250
nA
TC IOS
Input Offset Current TC
VIN Differential = 0V
0.3
nA/°C
VOS
Input Offset Voltage
−8
−2
+8
mV
TC VOS
Input Offset Voltage TC
12
µV/°C
VRI
Input Voltage Range
for CMRR
≥ 50 dB
VEE−0.2
VCCI−1.5
V
VRID
Input Differential Voltage Range
−1
+1
V
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ VCC1−0.2
80
dB
PSRR
Power Supply Rejection Ratio
80
dB
AV
Active Gain
53
dB
Hyst
Hysteresis
VHYS = V(HYS+) -V(HYS-) , RHYS = 0Ω
25
50
75
mV
LATCH ENABLE CHARACTERISTICS
IB-LE
Latch Enable Bias Current
Biased at RSPECL Level
3
10
µA
VOS-LE
Latch Enable Offset Voltage
Biased at RSPECL Level
+5
mV
VRI-LE
Latch Enable Voltage Range
for CMRR
≥ 50 dB
VEE+1.4
VCCO-0.8
V
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com