Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH7322
Description  LMH7322 Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH7322 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments LMH7322 Datasheet HTML 10Page - Texas Instruments LMH7322 Datasheet HTML 11Page - Texas Instruments LMH7322 Datasheet HTML 12Page - Texas Instruments LMH7322 Datasheet HTML 13Page - Texas Instruments LMH7322 Datasheet HTML 14Page - Texas Instruments LMH7322 Datasheet HTML 15Page - Texas Instruments LMH7322 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
VCCO
VEE
Output Q
Output Q
LMH7322
SNOSAU8I – MARCH 2007 – REVISED MARCH 2013
www.ti.com
The output stage of the LMH7322 is built using two emitter followers, which are referenced to the VCCO (see
Figure 18.) Each of the output transistors is active when a current is flowing through any external output resistor
connected to a lower supply rail. The output structure is actually the same as for all other ECL devices. Activating
the outputs is done by connecting the emitters to a termination voltage which lies 2V below the VCCO. In this case
a termination resistor of 50
Ω can be used and a transmission line of 50Ω can be driven. Another method is to
connect the emitters through a resistor to the most negative supply by calculating the right value for the emitter
current in accordance with the datasheet tables. Both methods are useful, and it is up to the customer which
method is used. Using 50
Ω to the termination voltage means the introduction of an extra supply in the system,
while using resistors to a negative supply means the use of resistors that are much larger than 50
Ω and a more
constant output current per stage. The following calculation will show the difference. In this example a VCCO of
2.5V is used and a VT of VCCO-2V and a negative supply of −5V. When connecting the outputs through a 50Ω
resistor to the VT, the output currents for the high and the low state are respectively 18 mA and 10 mA.
Connecting the outputs through a 400
Ω resistor to the −5V supply the output currents for the high and the low
state are respectively 16 mA and 15 mA. Higher resistor values to the VEE will further reduce power consumption
but will cause a slower transition of the output stage. In the case that this will not harm your application it is a
useful method to reduce power consumption.
Figure 18. Equivalent Output Circuitry
The output voltages for ‘1’ and ‘0’ have a difference of approximately 400 mV and are respectively 1.1V (for the
‘1’) and 1.5V (for the ‘0’) below the VCCO. This swing of 400 mV is enough to drive any LVDS input but can also
be used to drive any ECL or PECL input, when the right supply voltage is chosen, especially the right level for
the VCCO.
Table 1. Definitions
Symbol
Text
Description
IB
Input Bias Current
Current flowing in or out of the input pins, when both are biased at the VCM
voltage as specified in the tables.
IOS
Input Offset Current
Difference between the input bias current of the inverting and non-inverting
inputs.
TC IOS
Average Input Offset Current Drift
Temperature coefficient of IOS.
VOS
Input Offset Voltage
Voltage difference needed between IN+ and IN- to make the outputs change
state, averaged for H to L and L to H transitions.
TC VOS
Average Input Offset Voltage Drift
Temperature coefficient of VOS .
VRI
Input Voltage Range
Voltage which can be applied to the input pin maintaining normal operation.
VRID
Input Differential Voltage Range
Differential voltage between positive and negative input at which the input clamp
is not working. The difference can be as high as the supply voltage but excessive
input currents are flowing through the clamp diodes and protection resistors.
CMRR
Common Mode Rejection Ratio
Ratio of input offset voltage change and input common mode voltage change.
PSRR
Power Supply Rejection Ratio
Ratio of input offset voltage change and supply voltage change from VS-MIN to VS-
MAX.
AV
Active Gain
Overall gain of the circuit.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com