Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH7322
Description  LMH7322 Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH7322 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH7322 Datasheet HTML 3Page - Texas Instruments LMH7322 Datasheet HTML 4Page - Texas Instruments LMH7322 Datasheet HTML 5Page - Texas Instruments LMH7322 Datasheet HTML 6Page - Texas Instruments LMH7322 Datasheet HTML 7Page - Texas Instruments LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments LMH7322 Datasheet HTML 10Page - Texas Instruments LMH7322 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
2
3
4
5
6
13
14
15
16
17
18
7
8
9
10
11
12
19
20
21
22
23
24
1
VCCOA
LEA
LEA
VEEA
VCCIA
RHYSA
RHYSB
VCCIB
LEB
LEB
VEEB
VCCOB
LMH7322
24-pin WQFN
IN+
IN-
RHYS
Q
1/2
LMH7322
Q
LMH7322
www.ti.com
SNOSAU8I – MARCH 2007 – REVISED MARCH 2013
2.7V AC Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for TJ = 25°C, VCCI = VCCO = 2.7V, VEE = 0V, RL = 50Ω to VCCO-2V, VCM =
300 mV, RHYS = none. Boldface limits apply at temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
tjitter_RMS
RMS Random Jitter
Overdrive = ±50 mV; CL = 2 pF
551
fs
Center Frequency = 140 MHz
Bandwidth = 10 Hz–20 MHz
tPDH
Propagation Delay.
Overdrive 20 mV
783
ps
(see Figure 19 application note)
Overdrive 50 mV
728
Input SR = Constant
Overdrive 100 mV
713
ps
VIN startvalue = VREF – 100 mV
Overdrive 1V
718
tOD-disp
Input Overdrive Dispersion
tPDH @ Overdrive 20 mV ↔ 100 mV
70
ps
tPDH @ Overdrive 100 mV ↔ 1V
5
tSR-disp
Input Slew Rate Dispersion
0.1 V/ns to 1 V/ns; Overdrive = 100 mV
54
ps
tCM-disp
Input Common Mode Dispersion
SR = 1 V/ns; Overdrive = 100 mV;
12
ps
0V
≤ VCM ≤ VCCI- 1.5V
ΔtPDLH
Q to Q Time Skew |tPDH – tPDL|
Overdrive = 100 mV; CL = 2 pF
35
ps
ΔtPDHL
Q to Q Time Skew |tPDL – tPDH|
Overdrive = 100 mV; CL = 2 pF
53
ps
tr
Output Rise Time (20%–80%)
Overdrive = 100 mV; CL = 2 pF
165
ps
tf
Output Fall Time (20%–80%)
Overdrive = 100 mV; CL = 2 pF
165
ps
tsLE
Latch Setup Time
102
ps
thLE
Latch Hold Time
37
ps
tPD_LE
Latch to Output Delay Time
906
ps
Connection Diagrams
Figure 2. Schematic
Figure 3. Footprint
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com