Electronic Components Datasheet Search
  English  ▼

X  

LMH7322 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH7322
Description  LMH7322 Dual 700 ps High Speed Comparator with RSPECL Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH7322 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH7322 Datasheet HTML 4Page - Texas Instruments LMH7322 Datasheet HTML 5Page - Texas Instruments LMH7322 Datasheet HTML 6Page - Texas Instruments LMH7322 Datasheet HTML 7Page - Texas Instruments LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments LMH7322 Datasheet HTML 10Page - Texas Instruments LMH7322 Datasheet HTML 11Page - Texas Instruments LMH7322 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
-1 0
1
2
3
4
5
6
7
8
9 10 11 12
COMMON MODE VOLTAGE (V)
600
620
640
660
680
700
720
740
760
780
800
VS = 12V
VS = 5V
VS = 2.7V
VOVERDRIVE = 100 mV
100 200 300 400 500 600 700 800 900 1000
SLEW RATE (V/Ps)
600
650
700
750
800
850
900
VS = 2.7V
VS = 12V
VS = 5V
OVERDRIVE 100 mV
VCM = 300 mV
0
200
400
600
800
1000
600
650
700
750
800
850
900
OVERDRIVE VOLTAGE (mV)
VCM = 0.3V
VIN_DIFF = VCM ± 100 mV
to VCM + VOVERDIVE
VS = 2.7V
VS = 5V
VS = 12V
2
3
4
5
6
7
8
9
10 11 12
600
650
700
750
800
850
900
950
1000
SUPPLY VOLTAGE (V)
VCM = 0.3V
VIN_DIFF = VCM ± 100 mV
to VCM + VOVERDRIVE
VOD = 10 mV
VOD = 50 mV
VOD = 50 mV
500 mV
1V
VOD = 200 mV
VOD = 20 mV
-40
TEMPERATURE (°C)
600
650
700
750
800
850
900
950
1000
1050
1100
120
100
80
60
40
20
0
-20
VS = 5V
VS = 12V
VS = 2.7V
2
3
4
5
6
7
8
9
10 11 12
600
650
700
750
800
850
900
950
1000
1050
1100
SUPPLY VOLTAGE (V)
125°C
85°C
25°C
-40°C
LMH7322
SNOSAU8I – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
At TJ = 25°C; VCCI = +5V; VCCO = +3.3V; VEE = −5V; unless otherwise specified.
Propagation Delay vs. Supply Voltage
Propagation Delay vs. Temperature
Figure 4.
Figure .
Propagation Delay vs. Supply Voltage
Propagation Delay vs. Overdrive Voltage
Figure 5.
Figure 6.
Propagation Delay vs. Common Mode Voltage
Propagation Delay vs. Slew Rate
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com