Electronic Components Datasheet Search
  English  ▼

X  

LMK02002 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMK02002
Description  LMK02002 Precision Clock Conditioner with Integrated PLL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK02002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments LMK02002 Datasheet HTML 10Page - Texas Instruments LMK02002 Datasheet HTML 11Page - Texas Instruments LMK02002 Datasheet HTML 12Page - Texas Instruments LMK02002 Datasheet HTML 13Page - Texas Instruments LMK02002 Datasheet HTML 14Page - Texas Instruments LMK02002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LMK02002
www.ti.com
SNAS418 – AUGUST 2007
REGISTER R4 to R7
Registers R4 through R7 control the eight clock outputs. Register R4 controls CLKout0, Register R5 controls
CLKout1, and so on. There is one additional bit in register R0 called RESET. Aside from this, the functions of
these bits are identical. The X in CLKoutX_MUX, CLKoutX_DIV, CLKoutX_DLY, and CLKoutX_EN denote the
actual clock output which may be from 0 to 3.
RESET bit -- R0 only
This bit is only in register R0. The use of this bit is optional and it should be set to '0' if not used. Setting this bit
to a '1' forces all registers to their power on reset condition and therefore automatically clears this bit. If this bit is
set, all other R0 bits are ignored and R0 needs to be programmed again if used with its proper values and
RESET = 0.
Default
Bit
Bit Name
Bit State
Bit Description
Register
Bit Value
Location
RESET
0
No reset, normal operation
Reset to power on defaults
R0
31
CLKoutX_MUX
0
Bypassed
CLKoutX mux mode
18:17
CLKoutX_EN
0
Disabled
CLKoutX enable
16
R4 to R7
CLKoutX_DIV
1
Divide by 2
CLKoutX clock divide
15:8
CLKoutX_DLY
0
0 ps
CLKoutX clock delay
7:4
DIV4
0
PDF
≤ 20 MHz
Phase Detector Frequency
R11
15
EN_CLKout_Global
1
Normal - CLKouts normal
Global clock output enable
27
POWERDOWN
0
Normal - Device active
Device power down
26
PLL_CP_TRI
0
Normal - PLL active
TRI-STATE PLL charge pump
25
R14
PLL_CP_POL
0
Negative Polarity CP
Polarity of charge pump
24
PLL_MUX
0
Disabled
Multiplexer control for LD pin
23:20
PLL_R
10
R divider = 10
PLL R divide value
19:8
PLL_CP_GAIN
0
100 uA
Charge pump current
31:30
R15
PLL_N
760
N divider = 760
PLL N divide value
25:8
CLKoutX_MUX[1:0] -- Clock Output Multiplexers
These bits control the Clock Output Multiplexer for each clock output. Changing between the different modes
changes the blocks in the signal path and therefore incurs a delay relative to the bypass mode. The different
MUX modes and associated delays are listed below.
CLKoutX_MUX[1:0]
Mode
Added Delay Relative to Bypass Mode
0
Bypassed (default)
0 ps
1
Divided
100 ps
400 ps
2
Delayed
(In addition to the programmed delay)
500 ps
3
Divided and Delayed
(In addition to the programmed delay)
CLKoutX_DIV[7:0] -- Clock Output Dividers
These bits control the clock output divider value. In order for these dividers to be active, the respective
CLKoutX_MUX (See CLKoutX_MUX[1:0] -- Clock Output Multiplexers) bit must be set to either "Divided" or
"Divided and Delayed" mode. After all the dividers are programed, the SYNC* pin must be used to ensure that all
edges of the clock outputs are aligned (See GLOBAL CLOCK OUTPUT SYNCHRONIZATION). The Clock
Output Dividers follow the VCO Divider so the final clock divide for an output is VCO Divider × Clock Output
Divider. By adding the divider block to the output path a fixed delay of approximately 100 ps is incurred.
The actual Clock Output Divide value is twice the binary value programmed as listed in the table below.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com