Electronic Components Datasheet Search
  English  ▼

X  

LP3918 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP3918
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3918 Datasheet HTML 12Page - Texas Instruments LP3918 Datasheet HTML 13Page - Texas Instruments LP3918 Datasheet HTML 14Page - Texas Instruments LP3918 Datasheet HTML 15Page - Texas Instruments LP3918 Datasheet HTML 16Page - Texas Instruments LP3918 Datasheet HTML 17Page - Texas Instruments LP3918 Datasheet HTML 18Page - Texas Instruments LP3918 Datasheet HTML 19Page - Texas Instruments LP3918 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
END OF CHARGE CURRENT PROGRAMMING
Table 6. LP3918 EOC Current Control
Address
Register ID
End Of Charge Current Selection Bits
PROG_EOC[1]
PROG_EOC[0]
End Of Charge Current
CHGCNTL3<3>
CHGCNTL3<2>
0
0
0.1 (Default)
8h'12
CHGCNTL3
0
1
0.15C
1
0
0.2C
1
1
0.25C
CHARGING RESTART VOLTAGE PROGRAMMING
Table 7. LP3918 Charging Restart Voltage
Address
Register ID
Charging Restart Voltage Selection Bits
PROG_VRSTRT[1]
PROG_VRSTRT[1]
Restart Voltage(V)
CHGCNTL3<1>
CHGCNTL3<0>
0
0
VTERM - 50mV
8h'12
CHGCNTL3
0
1
VTERM - 100mV
1
0
VTERM - 150mV
1
1
VTERM - 200mV
Charger Control Register 1
CHARGING MODE SELECTION
Charging mode selection changes will only take place when the battery voltage is above the 3.0V pre-
charge/Full-rate charge threshold.
Table 8. LP3918 USB Charging Selection
Address
Register ID
USB Charge Mode Control Bits
USB_Mode_En
CHG_Mode_En
Mode
Current
CHGCNTL1<7>
CHGCNTL1<6>
0
0
Fast Charge
Default or
Selection
8h'10
CHGCNTL1
1
0
Fast Charge
Default or
Selection
0
1
USB
100mA
1
1
USB
450mA
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com