Electronic Components Datasheet Search
  English  ▼

X  

LP3918 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP3918
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3918 Datasheet HTML 16Page - Texas Instruments LP3918 Datasheet HTML 17Page - Texas Instruments LP3918 Datasheet HTML 18Page - Texas Instruments LP3918 Datasheet HTML 19Page - Texas Instruments LP3918 Datasheet HTML 20Page - Texas Instruments LP3918 Datasheet HTML 21Page - Texas Instruments LP3918 Datasheet HTML 22Page - Texas Instruments LP3918 Datasheet HTML 23Page - Texas Instruments LP3918 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
CORE
1.8V
@300 mA
DIGI
3.0V
@300 mA
TCXO
3.0V
@80 mA
ANA
3.0V
@80 mA
RX
3.0V
@150 mA
TX
3.0V
@150 mA
LDO6
LDO5
LDO3
LDO4
LDO2
LDO1
LDO1
LDO2
LDO4
LDO3
LDO5
LDO6
1 PF
10 PF
10 PF
LP3918
SDA
SCL
HF_PWR
PWR_ON
PS_HOLD
1.5k
1.5k
Serial
Interface
and Control
VBATT
TCXO_EN
RX_EN
LDO2
Thermal
Shutdown
Voltage
Reference
UVLO
+
Battery
PON_N
RESET_N
Linear Charger
ACOK_N
AC Adapter or
VBUS supply
4.5V to 6V
VBATT
320 ms
debounce
30 ms
debounce
320 ms
debounce
LDO2
O/D output
LDO2
TX_EN
IMON
10 PF
LDO7
LDO7
GP
3.0V
@150 mA
1 PF
1 PF
1 PF
1 PF
1 PF
1 PF
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Functional Block Diagram
Figure 8. LP3918 Functional Block Diagram
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com