Electronic Components Datasheet Search
  English  ▼

X  

LP3918 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3918
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918 Datasheet(HTML) 5 Page - Texas Instruments

  LP3918 Datasheet HTML 1Page - Texas Instruments LP3918 Datasheet HTML 2Page - Texas Instruments LP3918 Datasheet HTML 3Page - Texas Instruments LP3918 Datasheet HTML 4Page - Texas Instruments LP3918 Datasheet HTML 5Page - Texas Instruments LP3918 Datasheet HTML 6Page - Texas Instruments LP3918 Datasheet HTML 7Page - Texas Instruments LP3918 Datasheet HTML 8Page - Texas Instruments LP3918 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
Table 2. LDO Output Voltages Selectable via Serial Interface
LDO
mA
1.5
1.8
1.85
2.5
2.6
2.7
2.75
2.8
2.85
2.9
2.95
3.0
3.05
3.1
3.2
3.3
1
CORE
300
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
2
DIGI
300
+
+
+
+
+
+
+
+
+
+
+
+
+
3
ANA
80
+
+
+
+
+
+
+
+
4
TCXO
80
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
5
RX
150
+
+
+
+
+
+
+
+
6
TX
150
+
+
+
+
+
+
+
+
7
GP
150
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
CHG-IN,
−0.3 to +6.5V
VBATT =VIN1/2, BATT,HF_PWR
−0.3 to +6V
All other Inputs
−0.3 to VBATT +0.3V, max 6.0V
Junction Temperature (TJ-MAX)
150°C
Storage Temperature
−40°C to +150°C
Max Continuous Power Dissipation(4)
(PD-MAX)
(5)
Internally Limited
ESD (6)
Batt, VIN1, VIN2, HF_PWR, CHG_IN, PWR_ON
8kV HBM
All other pins
2kV HBM
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
Care must be exercised where high power dissipation is likely. The maximum ambient temperature may have to be derated. Like the
Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. In
applications where high power dissipation and/or poor thermal dissipation exists, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA_MAX) is dependent on the maximum power dissipation of the device in the application
(PD_MAX), and the junction to ambient thermal resistance of the device/package in the application (θJA), as given by the following
equation:TA_MAX = TJ_MAX-OP – (θJA X PDMAX )
(5)
Internal Thermal Shutdown circuitry protects the device from permanent damage.
(6)
The human-body model is 100pF discharged through 1.5k
Ω. The machine model is a 200pF capacitor discharged directly into each pin,
MIL-STD-883 3015.7.
Operating Ratings
(1) (2)
CHG_IN
4.5 to 6.0V
VBATT =VIN1/2, BATT
3.0 to 5.5V
HF_PWR, PWR_ON
0V to 5.5V
ACOK_N, SDA, SCL, RX_EN, TX_EN, TCXO_EN, PS_HOLD, RESET_N
0V to (VLDO2 + 0.3V)
All other pins
0V to (VBATT + 0.3V)
Junction Temperature (TJ)
−40°C to +125°C
Ambient Temperature (TA)
-40 to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com