Electronic Components Datasheet Search
  English  ▼

X  

LP3982 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 5 Page - Texas Instruments

  LP3982 Datasheet HTML 1Page - Texas Instruments LP3982 Datasheet HTML 2Page - Texas Instruments LP3982 Datasheet HTML 3Page - Texas Instruments LP3982 Datasheet HTML 4Page - Texas Instruments LP3982 Datasheet HTML 5Page - Texas Instruments LP3982 Datasheet HTML 6Page - Texas Instruments LP3982 Datasheet HTML 7Page - Texas Instruments LP3982 Datasheet HTML 8Page - Texas Instruments LP3982 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LP3982
www.ti.com
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
(1)
Condition does not apply to input voltages below 2.5 V because this is the minimum input operating voltage.
(2)
All limits are verified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Dropout voltage is measured by reducing VIN until VOUT drops 100 mV from its nominal value at VIN – VOUT = 0.5 V. Dropout voltage
does not apply to the 1.8-V version.
(5)
The SET pin is not externally connected for the fixed versions.
6.5 Electrical Characteristics
Unless otherwise specified, all limits are specified for VIN = VOUT + 0.5 V
(1), V
SHDN = VIN, CIN = COUT = 2.2 μF, CCC = 33 nF, TJ
= 25°C.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VIN
Input voltage
For operating temperature extremes:
−40°C to 85°C
2.5
6
V
ΔVOUT
Output voltage tolerance
100 μA ≤ IOUT ≤ 300 mA
VIN = VOUT + 0.5 V
(1)
SET = OUT for the ADJ Versions
−2
2
% of VOUT
(NOM)
For operating temperature extremes:
−40°C to 85°C
−3
3
VOUT
Output adjust range
ADJ version only;
for operating temperature extremes:
−40°C to 85°C
1.25
6
V
IOUT
Maximum output current
Average DC current rating;
For operating temperature extremes:
−40°C and 85°C
300
mA
ILIMIT
Output current limit
770
mA
For operating temperature extremes:
−40°C to 85°C
330
IQ
Supply current
IOUT = 0 mA
90
μA
IOUT = 0 mA;
for operating temperature extremes:
−40°C to 85°C
270
IOUT = 300 mA
225
Shutdown supply current
VO = 0 V, SHDN = GND
0.001
1
μA
VDO
Dropout voltage(1)(4)
IOUT = 1 mA
0.4
mV
IOUT = 200 mA
80
IOUT = 200 mA;
for operating temperature extremes:
−40°C to 85°C
220
IOUT = 300 mA
120
ΔVOUT
Line regulation
IOUT = 1 mA,
(VOUT + 0.5 V) ≤ VI ≤ 6 V
(1)
0.01
%/V
IOUT = 1 mA, (VOUT + 0.5 V) ≤ VI ≤ 6
V(1);
for operating temperature extremes:
−40°C to 85°C
−0.1
0.1
Load regulation
100 μA ≤ IOUT ≤ 300 mA
0.002
%/mA
en
Output voltage noise
IOUT = 10 mA, 10 Hz ≤ f ≤ 100 kHz
37
μVRMS
Output voltage noise density
10 Hz
≤ f ≤ 100 kHz, COUT = 10 μF
190
nV/
√Hz
VSHDN
SHDN input threshold
VIH, (VOUT + 0.5 V) ≤ VIN ≤ 6 V
(1);
for operating temperature extremes:
−40°C to 85°C
2
V
VIL, (VOUT + 0.5 V) ≤ VIN ≤ 6 V
(1);
for operating temperature
extremes:
−40°C to 85°C
0.4
ISHDN
SHDN input bias current
SHDN = GND or IN
0.1
100
nA
ISET
SET input leakage
SET = 1.3 V, ADJ version only(5)
0.1
2.5
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com