Electronic Components Datasheet Search
  English  ▼

X  

LP3982 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 10Page - Texas Instruments LP3982 Datasheet HTML 11Page - Texas Instruments LP3982 Datasheet HTML 12Page - Texas Instruments LP3982 Datasheet HTML 13Page - Texas Instruments LP3982 Datasheet HTML 14Page - Texas Instruments LP3982 Datasheet HTML 15Page - Texas Instruments LP3982 Datasheet HTML 16Page - Texas Instruments LP3982 Datasheet HTML 17Page - Texas Instruments LP3982 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
0 dB
-180°
-360°
LOAD ZERO
1/(2S (ESR x CL)
LOAD POLE
1/(2S (ESR + RO // RL)CL)
ERROR AMP
POLE: ZPOLE
14
LP3982
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
www.ti.com
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
Figure 17. Loop Gain Bode Plot Illustrating Inadequately High Zero for Stability Compensation
The LP3982 generates an internal zero that makes up for the inadequately high zero of the low ESR ceramic
output capacitor. This internally generated zero is strategically placed to provide positive phase shift near unity
gain, thus providing a stable phase margin.
8.2.2.4 Input Capacitor
The LP3982 requires a minimum input capacitance of about 1 μF. The value may be increased indefinitely. The
type is not critical to stability. However, instability may occur with bench set-ups where long supply leads are
used, particularly at near dropout and high current conditions. This is attributed to the lead inductance coupling to
the output through the gate oxide of the pass transistor; thus, forming a pseudo LCR network within the loop
gain. A 10-μF tantalum input capacitor remedies this non-situ condition; its larger ESR acts to dampen the
pseudo-LCR network. This may only be necessary for some bench setups. A 1-μF ceramic input capacitor are
fine for most end-use applications.
If a tantalum input capacitor is intended for the final application, it is important to consider their tendency to fail in
short circuit mode, thus potentially damaging the part.
8.2.2.5 Noise Bypass Capacitor
The noise bypass capacitor (CC) significantly reduces output noise of the LP3982. It connects between pin 6 and
ground. The optimum value for CC is 33 nF.
Pin 6 directly connects to the high impedance output of the bandgap. The DC leakage of the CC capacitor must
be considered; loading down the reference reduces the output voltage. NPO and COG ceramic capacitors
typically offer very low leakage. Polypropylene and polycarbonate film carbonate capacitor offer even lower
leakage currents.
CC does not affect the transient response; however, it does affect turnon time. The smaller the CC value, the
faster the turnon time.
8.2.2.6 Fault Detection
The LP3982 provides a FAULT pin that goes low during out of regulation conditions like current limit and thermal
shutdown, or when it approaches dropout. The latter monitors the input-to-output voltage differential and
compares it against a threshold that is slightly above the dropout voltage. This threshold also tracks the dropout
voltage as it varies with load current. Refer to Figure 3 in the Typical Characteristics section.
The FAULT pin requires a pullup resistor because it is an open-drain output. This resistor must be large in value
to reduce energy drain. A 100-k
Ω pullup resistor works well for most applications.
Figure 18 shows the LP3982 with delay added to the FAULT pin for the reset pin of a microprocessor. The
output of the comparator stays low for a preset amount of time after the regulator comes out of a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com