Electronic Components Datasheet Search
  English  ▼

X  

TPS Datasheet(PDF) 3 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 3 Page - AVX Corporation

  TPS_V02 Datasheet HTML 1Page - AVX Corporation TPS_V02 Datasheet HTML 2Page - AVX Corporation TPS_V02 Datasheet HTML 3Page - AVX Corporation TPS_V02 Datasheet HTML 4Page - AVX Corporation TPS_V02 Datasheet HTML 5Page - AVX Corporation TPS_V02 Datasheet HTML 6Page - AVX Corporation TPS_V02 Datasheet HTML 7Page - AVX Corporation TPS_V02 Datasheet HTML 8Page - AVX Corporation TPS_V02 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
77
112516
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
2.5 Volt @ 85°C
TPSB107*002#0200
B
100
2.5
85
1.7
125
2.5
8
200
1
0.652
0.587
0.261
TPSB157*002#0150
B
150
2.5
85
1.7
125
3
10
150
1
0.753
0.677
0.301
TPSB227*002#0150
B
220
2.5
85
1.7
125
4.4
16
150
1
0.753
0.677
0.301
TPSB227*002#0200
B
220
2.5
85
1.7
125
4.4
16
200
1
0.652
0.587
0.261
TPSB227*002#0600
B
220
2.5
85
1.7
125
4.4
16
600
1
0.376
0.339
0.151
TPSD227*002#0045
D
220
2.5
85
1.7
125
5.5
8
45
1
1.826
1.643
0.730
TPSY337*002#0040
Y
330
2.5
85
1.7
125
8.2
8
40
11)
1.768
1.591
0.707
TPSD477*002#0035
D
470
2.5
85
1.7
125
11.6
8
35
1
2.070
1.863
0.828
TPSF477*002#0200
F
470
2.5
85
1.7
125
11.8
12
200
1
0.707
0.636
0.283
TPSY477*002#0100
Y
470
2.5
85
1.7
125
11
12
100
11)
1.118
1.006
0.447
TPSD687*002#0035
D
680
2.5
85
1.7
125
17
16
35
1
2.070
1.863
0.828
TPSD687*002#0050
D
680
2.5
85
1.7
125
17
16
50
1
1.732
1.559
0.693
TPSE687*002#0035
E
680
2.5
85
1.7
125
17
10
35
11)
2.171
1.954
0.868
TPSE687*002#0050
E
680
2.5
85
1.7
125
17
10
50
11)
1.817
1.635
0.727
TPSY687*002#0100
Y
680
2.5
85
1.7
125
17
12
100
11)
1.118
1.006
0.447
TPSE108*002#0030
E
1000
2.5
85
1.7
125
25
14
30
11)
2.345
2.111
0.938
TPSE108*002#0040
E
1000
2.5
85
1.7
125
25
14
40
11)
2.031
1.828
0.812
TPSY108M002#0100
Y
1000
2.5
85
1.7
125
25
30
100
11)
1.118
1.006
0.447
TPSD158*002#0100
D
1500
2.5
85
1.7
125
37.5
60
100
1
1.125
1.102
0.490
TPSE158*002#0050
E
1500
2.5
85
1.7
125
37.5
20
50
11)
1.817
1.635
0.727
TPSV158M002#0030
V
1500
2.5
85
1.7
125
30
20
30
11)
2.887
2.598
1.155
TPSV158M002#0040
V
1500
2.5
85
1.7
125
30
20
40
11)
2.500
2.250
1.000
4 Volt @ 85°C
TPSR106*004#3000
R
10
4
85
2.7
125
0.5
6
3000
1
0.135
0.122
0.054
TPSA476*004#0500
A
47
4
85
2.7
125
1.9
8
500
1
0.387
0.349
0.155
TPSB107*004#0200
B
100
4
85
2.7
125
4
8
200
1
0.652
0.587
0.261
TPSB107*004#0250
B
100
4
85
2.7
125
4
8
250
1
0.583
0.525
0.233
TPSB107*004#0350
B
100
4
85
2.7
125
4
8
350
1
0.493
0.444
0.197
TPSB107*004#0500
B
100
4
85
2.7
125
4
8
500
1
0.412
0.371
0.165
TPSW107*004#0100
W
100
4
85
2.7
125
4
6
100
1
0.949
0.854
0.379
TPSB157*004#0250
B
150
4
85
2.7
125
6
10
250
1
0.583
0.525
0.233
TPSC157*004#0070
C
150
4
85
2.7
125
6
6
70
1
1.254
1.128
0.501
TPSC157*004#0080
C
150
4
85
2.7
125
6
6
80
1
1.173
1.055
0.469
TPSD227*004#0040
D
220
4
85
2.7
125
8.8
8
40
1
1.936
1.743
0.775
TPSD227*004#0050
D
220
4
85
2.7
125
8.8
8
50
1
1.732
1.559
0.693
TPSD227*004#0100
D
220
4
85
2.7
125
8.8
8
100
1
1.225
1.102
0.490
TPSY227*004#0040
Y
220
4
85
2.7
125
8.8
8
40
11)
1.768
1.591
0.707
TPSY227*004#0050
Y
220
4
85
2.7
125
8.8
8
50
11)
1.581
1.423
0.632
TPSY227*004#0075
Y
220
4
85
2.7
125
8.8
8
75
11)
1.291
1.162
0.516
TPSC337*004#0100
C
330
4
85
2.7
125
13.2
8
100
1
1.049
0.944
0.420
TPSD337*004#0035
D
330
4
85
2.7
125
13.2
8
35
1
2.070
1.863
0.828
TPSD337*004#0045
D
330
4
85
2.7
125
13.2
8
45
1
1.826
1.643
0.730
TPSD337*004#0100
D
330
4
85
2.7
125
13.2
8
100
1
1.225
1.102
0.490
TPSF337*004#0200
F
330
4
85
2.7
125
13.2
10
200
1
0.707
0.636
0.283
TPSX337*004#0100
X
330
4
85
2.7
125
13.2
8
100
11)
1.000
0.900
0.400
TPSD477*004#0045
D
470
4
85
2.7
125
18.8
12
45
1
1.826
1.643
0.730
TPSD477*004#0100
D
470
4
85
2.7
125
18.8
12
100
1
1.225
1.102
0.490
TPSE477*004#0035
E
470
4
85
2.7
125
18.8
10
35
11)
2.171
1.954
0.868
TPSE477*004#0045
E
470
4
85
2.7
125
18.8
10
45
11)
1.915
1.723
0.766
TPSE477*004#0100
E
470
4
85
2.7
125
18.8
10
100
11)
1.285
1.156
0.514
TPSD687*004#0045
D
680
4
85
2.7
125
27.2
14
45
1
1.826
1.643
0.730
TPSD687*004#0060
D
680
4
85
2.7
125
27.2
14
60
1
1.581
1.423
0.632
TPSD687*004#0100
D
680
4
85
2.7
125
27.2
14
100
1
1.225
1.102
0.490
TPSE687*004#0040
E
680
4
85
2.7
125
27.2
10
40
11)
2.031
1.828
0.812
TPSE687*004#0060
E
680
4
85
2.7
125
27.2
10
60
11)
1.658
1.492
0.663
TPSE687*004#0100
E
680
4
85
2.7
125
27.2
10
100
11)
1.285
1.156
0.514
TPSE108*004#0040
E
1000
4
85
2.7
125
40
14
40
11)
2.031
1.828
0.812
TPSE108*004#0060
E
1000
4
85
2.7
125
40
14
60
11)
1.658
1.492
0.663
TPSV108*004#0025
V
1000
4
85
2.7
125
40
16
25
11)
3.162
2.846
1.265
TPSV108*004#0035
V
1000
4
85
2.7
125
40
16
35
11)
2.673
2.405
1.069
TPSV108*004#0040
V
1000
4
85
2.7
125
40
16
40
11)
2.500
2.250
1.000
TPSV108*004#0050
V
1000
4
85
2.7
125
40
16
50
11)
2.236
2.012
0.894
TPSE158*004#0050
E
1500
4
85
2.7
125
60
30
50
11)
1.817
1.635
0.727
TPSE158*004#0075
E
1500
4
85
2.7
125
60
30
75
11)
1.483
1.335
0.593
TPSV158M004#0050
V
1500
4
85
2.7
125
60
30
50
11)
2.236
2.012
0.894
TPSV158M004#0075
V
1500
4
85
2.7
125
60
30
75
11)
1.826
1.643
0.730
6.3 Volt @ 85°C
TPSR225*006#7000
R
2.2
6.3
85
4
125
0.5
6
7000
1
0.089
0.080
0.035
TPSA335*006#2100
A
3.3
6.3
85
4
125
0.5
6
2100
1
0.189
0.170
0.076
TPSS475*006#4000
S
4.7
6.3
85
4
125
0.5
6
4000
1
0.127
0.115
0.051



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com