Electronic Components Datasheet Search
  English  ▼

X  

TPS Datasheet(PDF) 7 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 7 Page - AVX Corporation

Back Button TPS_V02 Datasheet HTML 3Page - AVX Corporation TPS_V02 Datasheet HTML 4Page - AVX Corporation TPS_V02 Datasheet HTML 5Page - AVX Corporation TPS_V02 Datasheet HTML 6Page - AVX Corporation TPS_V02 Datasheet HTML 7Page - AVX Corporation TPS_V02 Datasheet HTML 8Page - AVX Corporation TPS_V02 Datasheet HTML 9Page - AVX Corporation TPS_V02 Datasheet HTML 10Page - AVX Corporation TPS_V02 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
81
112516
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSE477*010#0060
E
470
10
85
7
125
47
10
60
1
1)
1.658
1.492
0.663
TPSE477*010#0100
E
470
10
85
7
125
47
10
100
1
1)
1.285
1.156
0.514
TPSE477*010#0200
E
470
10
85
7
125
47
10
200
1
1)
0.908
0.817
0.363
TPSV477*010#0040
V
470
10
85
7
125
47
10
40
1
1)
2.500
2.250
1.000
TPSV477*010#0060
V
470
10
85
7
125
47
10
60
1
1)
2.041
1.837
0.816
TPSV477*010#0100
V
470
10
85
7
125
47
10
100
1
1)
1.581
1.423
0.632
TPSE687M010#0150
E
680
10
85
7
125
68
18
150
1
1)
1.049
0.944
0.420
TPSV687M010#0100
V
680
10
85
7
125
68
18
100
1
1)
1.581
1.423
0.632
16 Volt @ 85°C
TPSA105*016#6200
A
1
16
85
10
125
0.5
4
6200
1
0.110
0.099
0.044
TPSA225*016#1800
A
2.2
16
85
10
125
0.5
6
1800
1
0.204
0.184
0.082
TPSA225*016#3500
A
2.2
16
85
10
125
0.5
6
3500
1
0.146
0.132
0.059
TPST225*016#2000
T
2.2
16
85
10
125
0.5
6
2000
1
0.200
0.180
0.080
TPSA335*016#3500
A
3.3
16
85
10
125
0.5
6
3500
1
0.146
0.132
0.059
TPSB335*016#2500
B
3.3
16
85
10
125
0.5
6
2500
1
0.184
0.166
0.074
TPSA475*016#2000
A
4.7
16
85
10
125
0.8
6
2000
1
0.194
0.174
0.077
TPSB475*016#0800
B
4.7
16
85
10
125
0.8
6
800
1
0.326
0.293
0.130
TPSB475*016#1500
B
4.7
16
85
10
125
0.8
6
1500
1
0.238
0.214
0.095
TPSA685*016#1500
A
6.8
16
85
10
125
1.1
6
1500
1
0.224
0.201
0.089
TPSB685*016#0600
B
6.8
16
85
10
125
1.1
6
600
1
0.376
0.339
0.151
TPSB685*016#1200
B
6.8
16
85
10
125
1.1
6
1200
1
0.266
0.240
0.106
TPSA106*016#1000
A
10
16
85
10
125
1.6
6
1000
1
0.274
0.246
0.110
TPSB106*016#0500
B
10
16
85
10
125
1.6
6
500
1
0.412
0.371
0.165
TPSB106*016#0800
B
10
16
85
10
125
1.6
6
800
1
0.326
0.293
0.130
TPSC106*016#0500
C
10
16
85
10
125
1.6
6
500
1
0.469
0.422
0.188
TPST106*016#0800
T
10
16
85
10
125
1.6
8
800
1
0.316
0.285
0.126
TPST106*016#1000
T
10
16
85
10
125
1.6
8
1000
1
0.283
0.255
0.113
TPSW106*016#0500
W
10
16
85
10
125
1.6
6
500
1
0.424
0.382
0.170
TPSW106*016#0600
W
10
16
85
10
125
1.6
6
600
1
0.387
0.349
0.155
TPSB156*016#0500
B
15
16
85
10
125
2.4
6
500
1
0.412
0.371
0.165
TPSB156*016#0800
B
15
16
85
10
125
2.4
6
800
1
0.326
0.293
0.130
TPSC156*016#0300
C
15
16
85
10
125
2.4
6
300
1
0.606
0.545
0.242
TPSC156*016#0700
C
15
16
85
10
125
2.4
6
700
1
0.396
0.357
0.159
TPSB226*016#0400
B
22
16
85
10
125
3.5
6
400
1
0.461
0.415
0.184
TPSB226*016#0600
B
22
16
85
10
125
3.5
6
600
1
0.376
0.339
0.151
TPSC226*016#0150
C
22
16
85
10
125
3.5
6
150
1
0.856
0.771
0.343
TPSC226*016#0250
C
22
16
85
10
125
3.5
6
250
1
0.663
0.597
0.265
TPSC226*016#0300
C
22
16
85
10
125
3.5
6
300
1
0.606
0.545
0.242
TPSC226*016#0375
C
22
16
85
10
125
3.5
6
375
1
0.542
0.487
0.217
TPSD226*016#0700
D
22
16
85
10
125
3.5
6
700
1
0.463
0.417
0.185
TPSW226*016#0500
W
22
16
85
10
125
3.5
6
500
1
0.424
0.382
0.170
TPSB336*016#0350
B
33
16
85
10
125
5.3
8
350
1
0.493
0.444
0.197
TPSB336*016#0500
B
33
16
85
10
125
5.3
8
500
1
0.412
0.371
0.165
TPSC336*016#0100
C
33
16
85
10
125
5.3
6
100
1
1.049
0.944
0.420
TPSC336*016#0150
C
33
16
85
10
125
5.3
6
150
1
0.856
0.771
0.343
TPSC336*016#0225
C
33
16
85
10
125
5.3
6
225
1
0.699
0.629
0.280
TPSC336*016#0300
C
33
16
85
10
125
5.3
6
300
1
0.606
0.545
0.242
TPSD336*016#0200
D
33
16
85
10
125
5.3
6
200
1
0.866
0.779
0.346
TPSW336*016#0140
W
33
16
85
10
125
5.3
6
140
1
0.802
0.722
0.321
TPSW336*016#0175
W
33
16
85
10
125
5.3
6
175
1
0.717
0.645
0.287
TPSW336*016#0250
W
33
16
85
10
125
5.3
6
250
1
0.600
0.540
0.240
TPSW336*016#0400
W
33
16
85
10
125
5.3
6
400
1
0.474
0.427
0.190
TPSW336*016#0500
W
33
16
85
10
125
5.3
6
500
1
0.424
0.382
0.170
TPSY336*016#0300
Y
33
16
85
10
125
5.3
6
300
1
1)
0.645
0.581
0.258
TPSY336*016#0400
Y
33
16
85
10
125
5.3
6
400
1
1)
0.559
0.503
0.224
TPSC476*016#0110
C
47
16
85
10
125
7.5
6
110
1
1.000
0.900
0.400
TPSC476*016#0350
C
47
16
85
10
125
7.5
6
350
1
0.561
0.505
0.224
TPSD476*016#0080
D
47
16
85
10
125
7.5
6
80
1
1.369
1.232
0.548
TPSD476*016#0100
D
47
16
85
10
125
7.5
6
100
1
1.225
1.102
0.490
TPSD476*016#0150
D
47
16
85
10
125
7.5
6
150
1
1.000
0.900
0.400
TPSD476*016#0200
D
47
16
85
10
125
7.5
6
200
1
0.866
0.779
0.346
TPSW476*016#0200
W
47
16
85
10
125
7.5
6
200
1
0.671
0.604
0.268
TPSX476*016#0180
X
47
16
85
10
125
7.5
6
180
1
1)
0.745
0.671
0.298
TPSY476*016#0250
Y
47
16
85
10
125
7.5
6
250
1
1)
0.707
0.636
0.283
TPSC686*016#0125
C
68
16
85
10
125
10.9
6
125
1
0.938
0.844
0.375
TPSC686*016#0200
C
68
16
85
10
125
10.9
6
200
1
0.742
0.667
0.297
TPSD686*016#0070
D
68
16
85
10
125
10.9
6
70
1
1.464
1.317
0.586
TPSD686*016#0100
D
68
16
85
10
125
10.9
6
100
1
1.225
1.102
0.490
TPSD686*016#0150
D
68
16
85
10
125
10.9
6
150
1
1.000
0.900
0.400
TPSF686*016#0200
F
68
16
85
10
125
10.9
10
200
1
0.707
0.636
0.283
TPSX686*016#0150
X
68
16
85
10
125
10.9
8
150
1
1)
0.816
0.735
0.327
TPSY686*016#0150
Y
68
16
85
10
125
10.9
6
150
1
1)
0.913
0.822
0.365



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com