Electronic Components Datasheet Search
  English  ▼

X  

TPS Datasheet(PDF) 11 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 11 Page - AVX Corporation

Back Button TPS_V02 Datasheet HTML 3Page - AVX Corporation TPS_V02 Datasheet HTML 4Page - AVX Corporation TPS_V02 Datasheet HTML 5Page - AVX Corporation TPS_V02 Datasheet HTML 6Page - AVX Corporation TPS_V02 Datasheet HTML 7Page - AVX Corporation TPS_V02 Datasheet HTML 8Page - AVX Corporation TPS_V02 Datasheet HTML 9Page - AVX Corporation TPS_V02 Datasheet HTML 10Page - AVX Corporation TPS_V02 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
85
112516
TPS Series
Low ESR
11) –Dry pack option (see How to order) recommended for reduction of stress during soldering.
Dry pack parts should be treated as MSL 3.
For AEC-Q200 availability, please contact AVX.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020
All technical data relates to an ambient temperature of +25°C. Capacitance and
DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL ismeasured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement
to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 223.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part
in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSV686*035#0150
V
68
35
85
23
125
23.8
6
150
1
1)
1.291
1.162
0.516
TPSV686*035#0200
V
68
35
85
23
125
23.8
6
200
1
1)
1.118
1.006
0.447
50 Volt @ 85°C
TPSA154*050#9000
A
0.15
50
85
33
125
0.5
4
9000
1
0.091
0.082
0.037
TPSA224*050#7000
A
0.22
50
85
33
125
0.5
4
7000
1
0.104
0.093
0.041
TPSA334*050#7000
A
0.33
50
85
33
125
0.5
4
7000
1
0.104
0.093
0.041
TPSA474*050#6500
A
0.47
50
85
33
125
0.5
4
6500
1
0.107
0.097
0.043
TPSB474*050#6000
B
0.47
50
85
33
125
0.5
4
6000
1
0.119
0.107
0.048
TPSC474*050#2300
C
0.47
50
85
33
125
0.5
4
2300
1
0.219
0.197
0.087
TPSB684*050#4000
B
0.68
50
85
33
125
0.5
4
4000
1
0.146
0.131
0.058
TPSB105*050#3000
B
1
50
85
33
125
0.5
6
3000
1
0.168
0.151
0.067
TPSC105*050#2500
C
1
50
85
33
125
0.5
4
2500
1
0.210
0.189
0.084
TPSC155*050#1500
C
1.5
50
85
33
125
0.8
6
1500
1
0.271
0.244
0.108
TPSC155*050#2000
C
1.5
50
85
33
125
0.8
6
2000
1
0.235
0.211
0.094
TPSC225*050#1500
C
2.2
50
85
33
125
1.1
8
1500
1
0.271
0.244
0.108
TPSD225*050#1200
D
2.2
50
85
33
125
1.1
6
1200
1
0.354
0.318
0.141
TPSC335*050#1000
C
3.3
50
85
33
125
1.6
6
1000
1
0.332
0.298
0.133
TPSD335*050#0800
D
3.3
50
85
33
125
1.7
6
800
1
0.433
0.390
0.173
TPSC475*050#0800
C
4.7
50
85
33
125
2.4
6
800
1
0.371
0.334
0.148
TPSD475*050#0250
D
4.7
50
85
33
125
2.4
6
250
1
0.775
0.697
0.310
TPSD475*050#0300
D
4.7
50
85
33
125
2.4
6
300
1
0.707
0.636
0.283
TPSD475*050#0500
D
4.7
50
85
33
125
2.4
6
500
1
0.548
0.493
0.219
TPSD475*050#0700
D
4.7
50
85
33
125
2.4
6
700
1
0.463
0.417
0.185
TPSX475*050#0500
X
4.7
50
85
33
125
2.4
6
500
1
1)
0.447
0.402
0.179
TPSD685*050#0200
D
6.8
50
85
33
125
3.4
6
200
1
0.866
0.779
0.346
TPSD685*050#0300
D
6.8
50
85
33
125
3.4
6
300
1
0.707
0.636
0.283
TPSD685*050#0500
D
6.8
50
85
33
125
3.4
6
500
1
0.548
0.493
0.219
TPSD685*050#0600
D
6.8
50
85
33
125
3.4
6
600
1
0.500
0.450
0.200
TPSD106*050#0500
D
10
50
85
33
125
5
6
500
1
0.548
0.493
0.219
TPSE106*050#0250
E
10
50
85
33
125
5
6
250
1
1)
0.812
0.731
0.325
TPSE106*050#0300
E
10
50
85
33
125
5
6
300
1
1)
0.742
0.667
0.297
TPSE106*050#0400
E
10
50
85
33
125
5
6
400
1
1)
0.642
0.578
0.257
TPSE106*050#0500
E
10
50
85
33
125
5
6
500
1
1)
0.574
0.517
0.230
TPSE156*050#0250
E
15
50
85
33
125
7.5
6
250
1
1)
0.812
0.731
0.325
TPSV156*050#0250
V
15
50
85
33
125
7.5
6
250
1
1)
1.000
0.900
0.400
TEST
TPS series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
1.5 x initial limit
Endurance
ΔC/C
within ±10% of initial value
DF
initial limit
ESR
1.25 x initial limit
Visual examination
no visible damage
DCL
1.5 x initial limit
Humidity
ΔC/C
within ±10% of initial value
DF
1.2 x initial limit
ESR
1.25 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
10 x IL*
12.5 x IL*
IL*
Stability
ΔC/C
n/a
+0/-10%
±5%
+10/-0%
+12/-0%
±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
ESR
1.25 x IL* 2.5 x IL*
1.25 x IL* 1.25 x IL*
1.25 x IL* 1.25 x IL*
Visual examination
no visible damage
Surge
DCL
initial limit
Voltage
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
1.25 x initial limit
Determine after application of rated voltage for 2000
+48/-0 hours at 85±2ºC and then leaving 1-2 hours at
room temperature. Also determine of 125ºC tempera-
ture, category voltage for 2000 +48/-0 hours and
then leaving 1-2 hours at room temperature. Power
supply impedance to be ≤0.1Ω/V.
Determine after storage without applied voltage
at 65±2ºC and 95±2% relative humidity for 500
hours and then recovery 1-2 hours at room
temperature.
Test temperature: 125ºC+3/0ºC
Test voltage: Category voltage at 125ºC
Surge voltage: 1.3 x category voltage at 125ºC
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit
QUALIFICATION TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com