Electronic Components Datasheet Search
  English  ▼

X  

TPS Datasheet(PDF) 8 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 8 Page - AVX Corporation

Back Button TPS_V02 Datasheet HTML 3Page - AVX Corporation TPS_V02 Datasheet HTML 4Page - AVX Corporation TPS_V02 Datasheet HTML 5Page - AVX Corporation TPS_V02 Datasheet HTML 6Page - AVX Corporation TPS_V02 Datasheet HTML 7Page - AVX Corporation TPS_V02 Datasheet HTML 8Page - AVX Corporation TPS_V02 Datasheet HTML 9Page - AVX Corporation TPS_V02 Datasheet HTML 10Page - AVX Corporation TPS_V02 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
82
112516
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSY686*016#0200
Y
68
16
85
10
125
10.9
6
200
11)
0.791
0.712
0.316
TPSY686*016#0250
Y
68
16
85
10
125
10.9
6
250
11)
0.707
0.636
0.283
TPSC107*016#0200
C
100
16
85
10
125
16
8
200
1
0.742
0.667
0.297
TPSD107*016#0060
D
100
16
85
10
125
16
6
60
1
1.581
1.423
0.632
TPSD107*016#0100
D
100
16
85
10
125
16
6
100
1
1.225
1.102
0.490
TPSD107*016#0125
D
100
16
85
10
125
16
6
125
1
1.095
0.986
0.438
TPSD107*016#0150
D
100
16
85
10
125
16
6
150
1
1.000
0.900
0.400
TPSE107*016#0055
E
100
16
85
10
125
16
6
55
11)
1.732
1.559
0.693
TPSE107*016#0100
E
100
16
85
10
125
16
6
100
11)
1.285
1.156
0.514
TPSE107*016#0125
E
100
16
85
10
125
16
6
125
11)
1.149
1.034
0.460
TPSE107*016#0150
E
100
16
85
10
125
16
6
150
11)
1.049
0.944
0.420
TPSF107M016#0150
F
100
16
85
10
125
16
10
150
1
0.816
0.735
0.327
TPSF107M016#0200
F
100
16
85
10
125
16
10
200
1
0.707
0.636
0.283
TPSY107*016#0100
Y
100
16
85
10
125
16
8
100
11)
1.118
1.006
0.447
TPSY107*016#0150
Y
100
16
85
10
125
16
8
150
11)
0.913
0.822
0.365
TPSY107*016#0200
Y
100
16
85
10
125
16
8
200
11)
0.791
0.712
0.316
TPSD157*016#0060
D
150
16
85
10
125
24
6
60
1
1.581
1.423
0.632
TPSD157*016#0085
D
150
16
85
10
125
24
6
85
1
1.328
1.196
0.531
TPSD157*016#0100
D
150
16
85
10
125
24
6
100
1
1.225
1.102
0.490
TPSD157*016#0125
D
150
16
85
10
125
24
6
125
1
1.095
0.986
0.438
TPSD157*016#0150
D
150
16
85
10
125
23
8
150
1
1.000
0.900
0.400
TPSE157*016#0100
E
150
16
85
10
125
24
6
100
11)
1.285
1.156
0.514
TPSV157*016#0045
V
150
16
85
10
125
24
8
45
11)
2.357
2.121
0.943
TPSV157*016#0075
V
150
16
85
10
125
24
8
75
11)
1.826
1.643
0.730
TPSY157M016#0200
Y
150
16
85
10
125
24
15
200
11)
0.791
0.712
0.316
TPSE227*016#0100
E
220
16
85
10
125
35.2
10
100
11)
1.285
1.156
0.514
TPSE227*016#0150
E
220
16
85
10
125
35.2
10
150
11)
1.049
0.944
0.420
TPSV227*016#0050
V
220
16
85
10
125
35.2
8
50
11)
2.236
2.012
0.894
TPSV227*016#0075
V
220
16
85
10
125
35.2
8
75
11)
1.826
1.643
0.730
TPSV227*016#0100
V
220
16
85
10
125
35.2
8
100
11)
1.581
1.423
0.632
TPSV227*016#0150
V
220
16
85
10
125
35.2
8
150
11)
1.291
1.162
0.516
TPSE337M016#0200
E
330
16
85
10
125
52.8
30
200
11)
0.908
0.817
0.363
20 Volt @ 85°C
TPSA105*020#3000
A
1
20
85
13
125
0.5
4
3000
1
0.158
0.142
0.063
TPSR105*020#6000
R
1
20
85
13
125
0.5
4
6000
1
0.096
0.086
0.038
TPSS105*020#6000
S
1
20
85
13
125
0.5
4
6000
1
0.104
0.094
0.042
TPST105*020#2000
T
1
20
85
13
125
0.5
4
2000
1
0.200
0.180
0.080
TPSA155*020#3000
A
1.5
20
85
13
125
0.5
6
3000
1
0.158
0.142
0.063
TPSA225*020#3000
A
2.2
20
85
13
125
0.5
6
3000
1
0.158
0.142
0.063
TPSB225*020#1700
B
2.2
20
85
13
125
0.5
6
1700
1
0.224
0.201
0.089
TPSA335*020#2500
A
3.3
20
85
13
125
0.7
6
2500
1
0.173
0.156
0.069
TPSB335*020#1300
B
3.3
20
85
13
125
0.7
6
1300
1
0.256
0.230
0.102
TPSA475*020#1800
A
4.7
20
85
13
125
0.9
6
1800
1
0.204
0.184
0.082
TPSB475*020#0750
B
4.7
20
85
13
125
0.9
6
750
1
0.337
0.303
0.135
TPSB475*020#1000
B
4.7
20
85
13
125
0.9
6
1000
1
0.292
0.262
0.117
TPSA685*020#1000
A
6.8
20
85
13
125
1.4
6
1000
1
0.274
0.246
0.110
TPSB685*020#0600
B
6.8
20
85
13
125
1.4
6
600
1
0.376
0.339
0.151
TPSB685*020#1000
B
6.8
20
85
13
125
1.4
6
1000
1
0.292
0.262
0.117
TPSC685*020#0700
C
6.8
20
85
13
125
1.4
6
700
1
0.396
0.357
0.159
TPSB106*020#0500
B
10
20
85
13
125
2
6
500
1
0.412
0.371
0.165
TPSB106*020#1000
B
10
20
85
13
125
2
6
1000
1
0.292
0.262
0.117
TPSC106*020#0500
C
10
20
85
13
125
2
6
500
1
0.469
0.422
0.188
TPSC106*020#0700
C
10
20
85
13
125
2
6
700
1
0.396
0.357
0.159
TPSW106*020#0250
W
10
20
85
13
125
2
6
250
1
0.600
0.540
0.240
TPSW106*020#0500
W
10
20
85
13
125
2
6
500
1
0.424
0.382
0.170
TPSB156*020#0500
B
15
20
85
13
125
3
6
500
1
0.412
0.371
0.165
TPSC156*020#0400
C
15
20
85
13
125
3
6
400
1
0.524
0.472
0.210
TPSC156*020#0450
C
15
20
85
13
125
3
6
450
1
0.494
0.445
0.198
TPSB226*020#0400
B
22
20
85
13
125
4.4
6
400
1
0.461
0.415
0.184
TPSB226*020#0600
B
22
20
85
13
125
4.4
6
600
1
0.376
0.339
0.151
TPSC226*020#0100
C
22
20
85
13
125
4.4
6
100
1
1.049
0.944
0.420
TPSC226*020#0150
C
22
20
85
13
125
4.4
6
150
1
0.856
0.771
0.343
TPSC226*020#0400
C
22
20
85
13
125
4.4
6
400
1
0.524
0.472
0.210
TPSD226*020#0200
D
22
20
85
13
125
4.4
6
200
1
0.866
0.779
0.346
TPSD226*020#0300
D
22
20
85
13
125
4.4
6
300
1
0.707
0.636
0.283
TPSC336*020#0300
C
33
20
85
13
125
6.6
6
300
1
0.606
0.545
0.242
TPSD336*020#0100
D
33
20
85
13
125
6.6
6
100
1
1.225
1.102
0.490
TPSD336*020#0200
D
33
20
85
13
125
6.6
6
200
1
0.866
0.779
0.346
TPSD476*020#0075
D
47
20
85
13
125
9.4
6
75
1
1.414
1.273
0.566
TPSD476*020#0100
D
47
20
85
13
125
9.4
6
100
1
1.225
1.102
0.490
TPSD476*020#0200
D
47
20
85
13
125
9.4
6
200
1
0.866
0.779
0.346



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com