Electronic Components Datasheet Search
  English  ▼

X  

OPA2613 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA2613
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2613 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2613 Datasheet HTML 17Page - Texas Instruments OPA2613 Datasheet HTML 18Page - Texas Instruments OPA2613 Datasheet HTML 19Page - Texas Instruments OPA2613 Datasheet HTML 20Page - Texas Instruments OPA2613 Datasheet HTML 21Page - Texas Instruments OPA2613 Datasheet HTML 22Page - Texas Instruments OPA2613 Datasheet HTML 23Page - Texas Instruments OPA2613 Datasheet HTML 24Page - Texas Instruments OPA2613 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
21
OUTPUT CURRENT AND VOLTAGE
The OPA2613 provides output voltage and current
capabilities that are unsurpassed in a low-cost dual
monolithic op amp. Under no-load conditions at 25
°C, the
output voltage typically swings closer than 1V to either
supply rail; tested at +25
°C, swing limit is within 1.1V of
either rail. Into a 12
Ω load (the minimum tested load), it
delivers more than
±280mA continuous output current.
The specifications described previously, though familiar in
the industry, consider voltage and current limits separately.
In many applications, it is the voltage times current (or V-I
product) that is more relevant to circuit operation. Refer to
the Output Voltage and Current Limitations plot in the
Typical Characteristics. The X and Y axes of this graph
show the zero-voltage output current limit and the
zero-current output voltage limit, respectively. The four
quadrants give a more detailed view of the OPA2613
output drive capabilities, noting that the graph is bounded
by a safe operating area of 1W maximum internal power
dissipation
(in
this
case,
for one channel only).
Superimposing resistor load lines onto the plot shows that
the OPA2613 can drive +4.8 and −4.1 into 25
Ω without
exceeding the output capabilities or the 1W dissipation
limit. A 100
Ω load line (the standard test circuit load)
shows the full
±4.9V output swing capability, as shown in
the Electrical Characteristics tables. The minimum
specified output voltage and current over temperature are
set by worst-case simulations at the cold temperature
extreme. Only at cold startup will the output current and
voltage decrease to the numbers shown in the Electrical
Characteristics tables. As the output transistors deliver
power, the junction temperatures increase, decreasing the
VBEs (increasing the available output voltage swing), and
increasing the current gains (increasing the available
output current). In steady-state operation, the available
output voltage and current will always be greater than that
shown in the over-temperature specifications, since the
output stage junction temperatures will be higher than the
minimum specified operating ambient.
DRIVING CAPACITIVE LOADS
One of the most demanding and yet very common load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an ADC
including
additional external capacitance that may be recom-
mended to improve the ADC linearity. A high-speed, high
open-loop gain amplifier like the OPA2613 can be very
susceptible to decreased stability and closed-loop
response peaking when a capacitive load is placed directly
on the output pin. When the amplifier open-loop output
resistance is considered, this capacitive load introduces
an additional pole in the signal path that can decrease the
phase margin. Several external solutions to this problem
have been suggested.
When the primary considerations are frequency response
flatness, pulse response fidelity, and/or distortion, the
simplest and most effective solution is to isolate the
capacitive load from the feedback loop by inserting a
series isolation resistor between the amplifier output and
the capacitive load. This does not eliminate the pole from
the loop response, but rather shifts it and adds a zero at a
higher frequency. The additional zero acts to cancel the
phase lag from the capacitive load pole, thus increasing
the phase margin and improving stability. The Typical
Characteristics show the Recommended RS vs Capacitive
Load and the resulting frequency response at the load.
Parasitic capacitive loads greater than 2pF can begin to
degrade the performance of the OPA2613. Long PCB
traces, unmatched cables, and connections to multiple
devices can easily cause this value to be exceeded.
Always consider this effect carefully, and add the
recommended series resistor as close as possible to the
OPA2613 output pin (see the Board Layout Guidelines
section).
The very high output current and unity gain stability for the
OPA2613 can be used to drive large capacitive loads with
moderate slew rates. An example is shown in Figure 11
where a 5000pF load cap is driven with a 1MHz square
wave to give a
±5V swing. The supplies were slightly
increased to give more headroom for the charging current
through the 2
Ω isolation resistor.
1/2
OPA2613
402
Ω
+6.2V
Supply decoupling
not shown.
−6.2V
2
Ω
402
Ω
V
O
5000pF
±2.5V
1MHz
V
I
Square
Wave
Input
Figure 11. Large Capacitive Load Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com