Electronic Components Datasheet Search
  English  ▼

X  

OPA2613 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA2613
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2613 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2613 Datasheet HTML 4Page - Texas Instruments OPA2613 Datasheet HTML 5Page - Texas Instruments OPA2613 Datasheet HTML 6Page - Texas Instruments OPA2613 Datasheet HTML 7Page - Texas Instruments OPA2613 Datasheet HTML 8Page - Texas Instruments OPA2613 Datasheet HTML 9Page - Texas Instruments OPA2613 Datasheet HTML 10Page - Texas Instruments OPA2613 Datasheet HTML 11Page - Texas Instruments OPA2613 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
−60
−70
−80
−90
−100
Single Channel (see Figure 1)
G= +2
R
L =100Ω
2nd−Harmonic
3rd−Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (V
PP)
0.1
1
10
−60
−70
−80
−90
−100
Single Channel (see Figure 1)
G= +2
f=1MHz
R
L = 100Ω
2nd−Harmonic
3rd−Harmonic
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain Magnitude (V/V)
1
−60
−70
−80
−90
−100
10
V
O =2VPP
f= 1MHz
R
L =100Ω
2nd−Harmonic
3rd−Harmonic
Single Channel (see Figure 1)
HARMONIC DISTORTION vs INVERTING GAIN
Gain Magnitude (V/V)
1
−60
−70
−80
−90
−100
10
V
O =2VPP
f= 1MHz
R
L =100Ω
2nd−Harmonic
3rd−Harmonic
Single Channel (see Figure 2)
HARMONIC DISTORTION vs LOAD RESISTANCE
10
100
1000
−60
−70
−80
−90
−100
Single Channel (see Figure 1)
V
O =2VPP
f= 1MHz
2nd−Harmonic
3rd−Harmonic
Load Resistance (
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com