Electronic Components Datasheet Search
  English  ▼

X  

OPA2613 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA2613
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2613 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA2613 Datasheet HTML 8Page - Texas Instruments OPA2613 Datasheet HTML 9Page - Texas Instruments OPA2613 Datasheet HTML 10Page - Texas Instruments OPA2613 Datasheet HTML 11Page - Texas Instruments OPA2613 Datasheet HTML 12Page - Texas Instruments OPA2613 Datasheet HTML 13Page - Texas Instruments OPA2613 Datasheet HTML 14Page - Texas Instruments OPA2613 Datasheet HTML 15Page - Texas Instruments OPA2613 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
12
TYPICAL CHARACTERISTICS: VS = ±6V, Differential Configuration
At TA = +25°C, Differential Gain = 4, RF = 402Ω, and RL = 70Ω, unless otherwise noted. See Figure 5 for AC performance only.
DIFFERENTIAL SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
3
0
−3
−6
−9
200
100
10
G
D =+8
G
D =+4
G
D =+1
R
L =70Ω
V
O = 200mVPP
See Figure 5
G
D =2
DIFFERENTIAL LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
110
100
15
12
9
6
3
0
V
O =5VPP
V
O =2VPP
V
O =0.2VPP
SeeFigure5
R
L =70Ω
G
D =+4
V
O =1VPP
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
10
100
1k
−85
−90
−95
−100
SeeFigure5
G
D =+4
f= 1MHz
V
O =2VPP
2nd−Harmonic
3rd−Harmonic
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
−55
−65
−75
−85
−95
−105
−115
G
D =4
R
L =70Ω
V
O =2VPP
SeeFigure5
3rd−Harmonic
2nd−Harmonic
DIFFERENTIAL DISTORTION
vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
−70
−75
−80
−85
−90
−95
−100
−105
20
10
1
G
D =4
R
L =70Ω
f= 1MHz
SeeFigure5
2nd−Harmonic
3rd−Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com