Electronic Components Datasheet Search
  English  ▼

X  

OPA2613 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2613
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2613 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2613 Datasheet HTML 1Page - Texas Instruments OPA2613 Datasheet HTML 2Page - Texas Instruments OPA2613 Datasheet HTML 3Page - Texas Instruments OPA2613 Datasheet HTML 4Page - Texas Instruments OPA2613 Datasheet HTML 5Page - Texas Instruments OPA2613 Datasheet HTML 6Page - Texas Instruments OPA2613 Datasheet HTML 7Page - Texas Instruments OPA2613 Datasheet HTML 8Page - Texas Instruments OPA2613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = ±6V
Boldface limits are tested at +25
°C.
RF = 402
Ω, RL = 100Ω, and G = +2, unless otherwise noted. See Figure 1 for AC performance only.
OPA2613ID
TYP
MIN/MAX OVER TEMPERATURE
TEST
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C(1)
0
°C to
+70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC Performance (see Figure 1)
Small-Signal Bandwidth
G = +1, VO = 0.1VPP, RF = 0Ω
230
MHz
typ
C
Small-Signal Bandwidth
G = +2, VO = 0.1VPP
110
80
75
70
MHz
min
B
G = +10, VO = 0.1VPP
13
10
9
9
MHz
min
B
Gain-Bandwidth Product
G
≥ 20
125
95
80
75
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.1VPP
5
MHz
typ
C
Peaking at a Gain of +1
VO < 0.1VPP
1
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
22
MHz
typ
C
Slew Rate
G = +2, 4V Step
70
56
51
50
V/
µs
min
B
Rise-and-Fall Time
G = +2, VO = 0.2V Step
3.6
4.8
5.4
5.5
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
55
68
71
72
ns
typ
C
0.1%
G = +2, VO = 2V Step
40
51
53
54
ns
typ
C
Harmonic Distortion
G = +2, f = 1MHz, VO = 2VPP
2nd-Harmonic
RL = 20Ω
−70
−63
−61
−60
dBc
max
B
RL ≥ 500Ω
−95
−90
−88
−87
dBc
max
B
3rd-Harmonic
RL = 20Ω
−84
−80
−78
−77
dBc
max
B
RL ≥ 500Ω
−97
−92
−90
−89
dBc
max
B
Input Voltage Noise
f > 10kHz
1.8
2.0
2.1
2.3
nV/
√Hz
max
B
Input Current Noise
f > 10kHz
1.7
2.1
2.2
2.4
pA/
√Hz
max
B
Differential Gain
G = +2, PAL, VO = 1.4VPP, RL = 150Ω
0.02
%
typ
C
Differential Phase
G = +2, PAL, VO = 1.4VPP, RL = 150Ω
0.03
deg
typ
C
Channel
-to-Channel Crosstalk
f = 1MHz, Input-Referred
−80
dBc
typ
C
DC Performance(4)
Open-Loop Gain (AOL)
VO = 0V, RL = 100Ω
97
92
92
91
dB
min
A
Input Offset Voltage
VCM = 0V
±0.2
±1.0
±1.15
±1.2
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±3.3
±3.3
µV/°C
max
B
Input Bias Current
VCM = 0V
−6
−12
−13
−14.5
µA
max
A
Average Bias Current Drift (Magnitude)
VCM = 0V
−30
−35
nA/
°C
max
B
Input Offset Current
VCM = 0V
±50
±300
±520
±750
nA
max
A
Average Offset Bias Current Drift
VCM = 0V
±5
±7
nA/
°C
max
B
Input
Common-Mode Input Range (CMIR)(5)
±4.7
±4.5
±4.5
±4.4
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = ±1V
100
88
87
86
dB
min
A
Input Impedance
Differential-Mode
VCM = 0
18
 0.6
k
Ω pF
typ
C
Common-Mode
VCM = 0
7
 1
M
Ω pF
typ
C
Output
Output Voltage Swing
No Load
±5.0
±4.8
±4.8
±4.7
V
min
A
Output Voltage Swing
100
Ω
±4.9
±4.7
±4.7
±4.6
V
min
A
Current Output, Sourcing
VO = 0, Linear Operation
+350
+280
+240
+220
mA
min
A
Current Output, Sinking
VO = 0, Linear Operation
−350
−280
−240
−220
mA
min
A
Short
-Circuit Current
Output Shorted to Ground
500
mA
typ
C
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.01
Ω
typ
C
(1) Junction temperature = ambient for +25°C tested specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
tested specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current is considered positive-out-of-node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR specification at ± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com