Electronic Components Datasheet Search
  English  ▼

X  

OPA650 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA650
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA650 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA650 Datasheet HTML 12Page - Texas Instruments OPA650 Datasheet HTML 13Page - Texas Instruments OPA650 Datasheet HTML 14Page - Texas Instruments OPA650 Datasheet HTML 15Page - Texas Instruments OPA650 Datasheet HTML 16Page - Texas Instruments OPA650 Datasheet HTML 17Page - Texas Instruments OPA650 Datasheet HTML 18Page - Texas Instruments OPA650 Datasheet HTML 19Page - Texas Instruments OPA650 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.ti.com
BOARD LAYOUT GUIDELINES
1/2
OPA2652
V
V
O
I
R
R
F
G
=
= 2
-
-
R
F
1kW
±
200mVOutputAdjustment
SupplyDecoupling
NotShown
5kW
5kW
328W
0.1 F
m
R
G
500W
V
I
20kW
10kW
0.1 F
m
-
5V
+5V
+5V
-
5V
V
O
Thermal Analysis
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
This
absolute
worst-case
condition
meets
the
specified maximum junction temperature. Actual PDL
will almost always be less than that considered here.
Carefully consider maximum TJ in your application.
Achieving
optimum
performance
with
a
high-frequency amplifier such as the OPA2652
requires careful attention to board layout parasitics
and external component types. Recommendations
that will optimize performance include:
a) Minimize parasitic capacitance to any AC
ground for all of the signal I/O pins. Parasitic
capacitance on the output and inverting input pins
can cause instability: on the noninverting input, it can
react
with
the
source
impedance
to
cause
unintentional
bandlimiting.
To
reduce
unwanted
capacitance, a window around the signal I/O pins
Figure 36. DC-Coupled, Inverting Gain of –2, with
should be opened in all of the ground and power
Offset Adjustment
planes around those pins. Otherwise, ground and
power planes should be unbroken elsewhere on the
board.
b) Minimize the distance (< 0.25") from the
Heatsinking or forced airflow may be required under
power-supply
pins
to
high-frequency
0.1
µF
extreme operating conditions. Maximum desired
decoupling capacitors. At the device pins, the ground
junction temperature will set the maximum allowed
and power plane layout should not be in close
internal power dissipation as described below. In no
proximity to the signal I/O pins. Avoid narrow power
case should the maximum junction temperature be
and ground traces to minimize inductance between
allowed to exceed 175
°C.
the
pins
and
the
decoupling
capacitors.
The
Operating junction temperature (TJ) is given by TA +
power-supply
connections
should
always
be
PD • θJA. The total internal power dissipation (PD) is
decoupled with these capacitors. An optional supply
the sum of quiescent power (PDQ) and additional
decoupling capacitor (0.1
µF) across the two power
power dissipated in the output stage (PDL) to deliver
supplies (for bipolar operation) will improve 2nd
load power. Quiescent power is simply the specified
harmonic distortion performance. Larger (2.2
µF to
no-load supply current times the total supply voltage
6.8
µF) decoupling capacitors, effective at lower
across the part. PDL depends on the required output
frequency, should also be used on the main supply
signal and load; for a grounded resistive load, PDL is
pins. These capacitors may be placed somewhat
at a maximum when the output is fixed at a voltage
farther from the device and may be shared among
equal to 1/2 of either supply voltage (for equal
several devices in the same area of the PCB.
bipolar
supplies).
Under
this
condition,
PDL =
c) Careful selection and placement of external
VS
2/(4
• R
L)
where RL includes feedback network
components will preserve the high frequency
loading.
performance of the OPA2652. Resistors should be
Note that it is the power in the output stage, and not
a very low reactance type. Surface-mount resistors
into
the
load,
that
determines
internal
power
work best and allow a tighter overall layout. Metal
dissipation.
film or carbon composition axiallyleaded resistors
can also provide good high frequency performance.
As an example, compute the maximum TJ using an
Again, keep resistor leads and PCB traces as short
OPA2652E (SOT23-8 package) in the circuit of
as possible. Never use wirewound type resistors in a
Figure 28 operating at the maximum specified
high-frequency application. Since the output pin and
ambient temperature of +85
°C and with both outputs
inverting input pin are the most sensitive to parasitic
driving 2.5VDC into a grounded 100Ω load.
capacitance, always position the feedback and series
PD = 10V • 15.5mA + 2 [5
2/(4
• [100Ω 804Ω])] =
output resistor, if any, as close as possible to the
296mW
output pin. Other network components, such as
noninverting input termination resistors, should also
Maximum TJ = +85°C + (0.30W • 150°C/W) = 130°C
be placed close to the package. Where double-side
component mounting is allowed, place the feedback
resistor directly under the package on the other side
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com