Electronic Components Datasheet Search
  English  ▼

X  

OPA650 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA650
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA650 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA650 Datasheet HTML 10Page - Texas Instruments OPA650 Datasheet HTML 11Page - Texas Instruments OPA650 Datasheet HTML 12Page - Texas Instruments OPA650 Datasheet HTML 13Page - Texas Instruments OPA650 Datasheet HTML 14Page - Texas Instruments OPA650 Datasheet HTML 15Page - Texas Instruments OPA650 Datasheet HTML 16Page - Texas Instruments OPA650 Datasheet HTML 17Page - Texas Instruments OPA650 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.ti.com
Output Current and Voltage
Distortion Performance
Driving Capacitive Loads
Noise Performance
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
error, as a result of the input bias currents, is
directly on the output pin. When the amplifier
reduced to (Input Offset Current)
• R
F. If the 50Ω
open-loop output resistance is considered, this
source impedance is DC-coupled in Figure 29, the
capacitive load introduces an additional pole in the
total resistance to ground on the inverting input will
signal path that can decrease the phase margin.
be 429
Ω. Combining this in parallel with the
Several external solutions to this problem have been
feedback resistor gives 208
Ω, which is close to the
suggested. When the primary considerations are
RB = 205Ω used in Figure 29. To reduce the
frequency response flatness, pulse response fidelity,
additional high-frequency noise introduced by this
and/or distortion, the simplest and most effective
resistor, it is sometimes bypassed with a capacitor.
solution is to isolate the capacitive load from the
As long as RB <300Ω, the capacitor is not required
feedback loop by inserting a series isolation resistor
since its total noise contribution is much less than
between the amplifier output and the capacitive load.
that of the op amp input noise voltage.
This resistor does not eliminate the pole from the
loop response, but rather shifts it and adds a zero at
a higher frequency. The additional zero acts to
cancel the phase lag from the capacitive load pole,
The OPA2652 specifications in the spec table,
thus increasing the phase margin and improving
though familiar in the industry, consider voltage and
stability.
current limits separately. In many applications, it is
the voltage
• current, or VI product, that is more
The Typical Characteristics show the recommended
relevant to circuit operation. Refer to the Output
RS versus capacitive load and the resulting
Voltage and Current Limitations plot in the Typical
frequency response at the load. Parasitic capacitive
Characteristics. The X and Y axes of this graph show
loads greater than 2pF can begin to degrade the
the zero-voltage output current limit and the zero
performance of the OPA2652. Long PCB traces,
current output voltage limit, respectively. The four
unmatched cables, and connections to multiple
quadrants give a more detailed view of the device
devices can easily
exceed
this
value.
Always
output drive capabilities, noting that the graph is
consider
this
effect
carefully,
and
add
the
bounded by a Safe Operating Area of 1W maximum
recommended series resistor as close as possible to
internal
power
dissipation
(500mW
for
each
the
OPA2652
output
pin
(see
Board
Layout
channel). Superimposing resistor load lines onto the
Guidelines).
plot shows that the OPA2652 can drive
±2.2V into
50
Ω or ±2.5V into 100Ω without exceeding the output
capabilities, or the 1W dissipation boundary line.
The OPA2652 provides good distortion performance
To maintain maximum output stage linearity, no
into a 100
Ω load on ±5V supplies. Increasing the
output
short-circuit
protection
is
provided.
This
load
impedance
improves
distortion
directly.
configuration will not normally be a problem since
Remember that the total load includes the feedback
most applications include a series matching resistor
network;
in
the
noninverting
configuration
at the output that limits the internal power dissipation
(Figure 28), this is sum of RF + RG, while in the
if the output side of this resistor is shorted to ground.
inverting configuration, it is only RF. Also, providing
However, shorting the output pin directly to the
an additional supply decoupling capacitor (0.1
µF)
adjacent positive power supply pin will, in most
between the supply pins (for bipolar operation)
cases, destroy the amplifier. Including a small series
improves the 2nd-order distortion slightly (3dB to
resistor (5
Ω) in the power-supply line will protect
6dB).
against this. Always place the 0.1
µF decoupling
It is also true that increasing the output voltage swing
capacitor directly on the supply pins.
increases harmonic distortion.
One of the most demanding and yet very common
The
OPA2652
input-referred
voltage
noise
load conditions for an op amp is capacitive loading.
(8nV/
√Hz), and the two input-referred current noise
Often, the capacitive load is the input of an
terms (1.4pA/
√Hz), combine to give low output noise
analog-to-digital
(A/D)
converter—including
under
a
wide
variety
of
operating
conditions.
additional
external
capacitance
that
may
be
Figure 35 shows the op amp noise analysis model
recommended to improve A/D linearity. A high-speed
with all the noise terms included. In this model, all
amplifier such as the OPA2652 can be
very
noise terms are taken to be noise voltage or current
susceptible to decreased stability and closed-loop
density terms in either nV/
√Hz or pA/√Hz.
response peaking when a capacitive load is placed
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com