Electronic Components Datasheet Search
  English  ▼

X  

OPA650 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA650
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA650 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA650 Datasheet HTML 7Page - Texas Instruments OPA650 Datasheet HTML 8Page - Texas Instruments OPA650 Datasheet HTML 9Page - Texas Instruments OPA650 Datasheet HTML 10Page - Texas Instruments OPA650 Datasheet HTML 11Page - Texas Instruments OPA650 Datasheet HTML 12Page - Texas Instruments OPA650 Datasheet HTML 13Page - Texas Instruments OPA650 Datasheet HTML 14Page - Texas Instruments OPA650 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
Differential ADC Driver
Bandpass Filter
0
-5
-10
-15
-20
-25
-30
-35
-40
10k
100k
1M
10M
100M
Frequency(Hz)
1/2
OPA2652
1/2
OPA2652
24.9W
143W
140W
2.10kW
1.0nF
1.0nF
V
IN
+5V
-5V
2.2nF
1.30kW
24.9W
200W
107W
225W
20.0W
158W
150pF
12pF
2.7nF
+5V
-5V
180pF
100W
100pF
1%Resistors
5%Capacitors
18pF
V
OUT
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
The circuit on the front page shows an OPA2652
driving the ADS807 analog-to-digital converter (ADC)
differentially, at a gain of +2V/V. The outputs are
AC-coupled to the converter to adjust for the
difference in supply voltages. The 133
Ω resistors at
the noninverting inputs minimize DC offset errors.
The
differential
topology
minimizes
even-order
distortion
products,
such
as
second-harmonic
distortion.
Figure 31 shows a single OPA2652 implementing a
sixth-order bandpass filter. This filter cascades two
second-order Sallen-Key sections with transmission
Figure 30. Nominal Filter Response
zeros, and a double real pole section. It has 0.3dB of
ripple, –3dB frequencies of 450kHz and 11MHz, and
–23dB frequencies of 315kHz and 16MHz. The
20.0
Ω resistor isolates the first OPA2652 output from
capacitive
loading.
This
configuration
improves
stability with minimal impact on the filter response.
Figure 30 shows the nominal response simulated by
SPICE.
Figure 31. Bandpass Filter
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com